Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN78LXX Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part No. AN78LXX
Description  3-pin positive output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN78LXX Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AN78LXX Datasheet HTML 2Page - Panasonic Semiconductor AN78LXX Datasheet HTML 3Page - Panasonic Semiconductor AN78LXX Datasheet HTML 4Page - Panasonic Semiconductor AN78LXX Datasheet HTML 5Page - Panasonic Semiconductor AN78LXX Datasheet HTML 6Page - Panasonic Semiconductor AN78LXX Datasheet HTML 7Page - Panasonic Semiconductor AN78LXX Datasheet HTML 8Page - Panasonic Semiconductor AN78LXX Datasheet HTML 9Page - Panasonic Semiconductor AN78LXX Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AN78Lxx/AN78LxxM Series
6
SFF00005CEB
I Electrical Characteristics at Ta = 25°C (continued)
• AN78L12, AN78L12M (12V type)
• AN78L15, AN78L15M (15V type)
VO
12.5
V
12
Tj
= 25°C
VO
V
VI
= 14.5 to 27V, IO = 1 to 70mA
REGIN
250
mV
120
VI
= 14.5 to 27V, Tj = 25°C
mV
REGL
mV
20
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= 15 to 27V, Tj = 25°C
mA
2
Tj
= 25°C
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 19V, IO = 40mA, CI = 0.33µF, CO = 0.1µF, Tj = 0 to 125°C (AN78L12) and Tj = 0 to 100°C
(AN78L12M)
100
IBias
mA
VI
= 15 to 27V, Tj = 25°C
mA
80
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz
1
0.1
200
12.6
100
50
3.5
40
11.5
11.4
RR
VI
= 15 to 25V, IO = 40mA, f = 120Hz
V
1.7
Tj
= 25°C
mA
140
mV/
°C
−1
Tj
= 25°C, VI = 35V
10
50
IO
= 5mA, Tj = 0 to 125°C
µV
∆IBias(IN)
∆IBias(L)
VDIF(min)
IO(Short)
∆VO/Ta
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Bias current fluctuation to input
VO
15.6
V
15
VO
V
VI
= 17.5 to 30V, IO = 1 to 70mA
REGIN
300
mV
130
VI
= 17.5 to 30V, Tj = 25°C
mV
REGL
mV
25
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= 18 to 30V, Tj = 25°C
mA
2
Tj
= 25°C
110
IBias
mA
VI
= 18 to 30V, Tj = 25°C
mA
90
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz
1
0.1
250
15.75
150
75
3.5
38
14.4
14.25
RR
VI
= 18 to 28V, IO = 40mA, f = 120Hz
V
1.7
Tj
= 25°C
mA
140
−1.3
Tj
= 25°C, VI = 35V
12
48
IO
= 5mA, Tj = 0 to 125°C
Tj
= 25°C
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 23V, IO = 40mA, CI = 0.33µF, CO = 0.1µF, Tj = 0 to 125°C (AN78L15) and Tj = 0 to 100°C
(AN78L15M)
mV/
°C
µV
∆IBias(IN)
∆IBias(L)
VDIF(min)
IO(Short)
∆VO/Ta
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Bias current fluctuation to input


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn