Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AN78LXX Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. AN78LXX
Description  3-pin positive output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN78LXX Datasheet(HTML) 4 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AN78Lxx/AN78LxxM Series
4
SFF00005CEB
I Electrical Characteristics at Ta = 25°C (continued)
• AN78L07, AN78L07M (7V type)
• AN78L08, AN78L08M (8V type)
VO
7.28
V
7
Tj
= 25°C
VO
V
VI
= 9.5 to 22V, IO = 1 to 70mA
REGIN
165
mV
70
VI
= 9.5 to 22V, Tj = 25°C
mV
REGL
mV
13
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= 10 to 22V, Tj = 25°C
mA
2
Tj
= 25°C
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 12V, IO = 40mA, CI = 0.33µF, CO = 0.1µF, Tj = 0 to 125°C (AN78L07) and Tj = 0 to 100°C
(AN78L07M)
60
IBias
mA
VI
= 10 to 22V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
50
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz
1
0.1
115
7.35
75
35
3
45
6.72
6.65
RR
VI
= 10 to 20V, IO = 40mA, f = 120Hz
V
1.7
Tj
= 25°C
VDIF(min)
mA
140
IO(Short)
mV/
°C
− 0.75
Tj
= 25°C, VI = 35V
6
55
∆VO/Ta
IO
= 5mA, Tj = 0 to 125°C
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Bias current fluctuation to input
VO
8.3
V
8
Tj
= 25°C
VO
V
VI
= 10.5 to 23V, IO = 1 to 70mA
REGIN
175
mV
80
VI
= 10.5 to 23V, Tj = 25°C
mV
REGL
mV
15
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= 11 to 23V, Tj = 25°C
mA
2
Tj
= 25°C
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 14V, IO = 40mA, CI = 0.33µF, CO = 0.1µF, Tj = 0 to 125°C (AN78L08) and Tj = 0 to 100°C
(AN78L08M)
70
IBias
mA
VI
= 11 to 23V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
60
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz
1
0.1
125
8.4
80
40
3
44
7.7
7.6
RR
VI
= 11 to 21V, IO = 40mA, f = 120Hz
V
1.7
Tj
= 25°C
VDIF(min)
mA
140
IO(Short)
mV/
°C
− 0.8
Tj
= 25°C, VI = 35V
7
54
∆VO/Ta
IO
= 5mA, Tj = 0 to 125°C
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Bias current fluctuation to input


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn