Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AN78LXX Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN78LXX
Description  3-pin positive output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN78LXX Datasheet(HTML) 3 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AN78Lxx/AN78LxxM Series
3
SFF00005CEB
I Electrical Characteristics at Ta = 25°C (continued)
• AN78L05, AN78L05M (5V type)
• AN78L06, AN78L06M (6V type)
VO
5.2
V
5
Tj
= 25°C
VO
V
VI
= 7.5 to 20V, IO = 1 to 70mA
REGIN
150
mV
55
VI
= 7.5 to 20V, Tj = 25°C
mV
REGL
mV
11
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= 8 to 20V, Tj = 25°C
mA
2
Tj
= 25°C
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 10V, IO = 40mA, CI = 0.33µF, CO = 0.1µF, Tj = 0 to 125°C (AN78L05) and Tj = 0 to 100°C
(AN78L05M)
45
IBias
mA
VI
= 8 to 20V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
40
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz
1
0.1
100
5.25
60
30
3
47
4.8
4.75
RR
VI
= 8 to 18V, IO = 40mA, f = 120Hz
V
1.7
Tj
= 25°C
VDIF(min)
mA
140
IO(Short)
mV/
°C
− 0.65
Tj
= 25°C, VI = 35V
5
57
∆VO/Ta
IO
= 5mA, Tj = 0 to 125°C
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Bias current fluctuation to input
VO
6.24
V
6
Tj
= 25°C
VO
V
VI
= 8.5 to 21V, IO = 1 to 70mA
REGIN
155
mV
60
VI
= 8.5 to 21V, Tj = 25°C
mV
REGL
mV
12
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= 9 to 21V, Tj = 25°C
mA
2
Tj
= 25°C
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 11V, IO = 40mA, CI = 0.33µF, CO = 0.1µF, Tj = 0 to 125°C (AN78L06) and Tj = 0 to 100°C
(AN78L06M)
50
IBias
mA
VI
= 9 to 21V, Tj = 25°C
mA
µV
50
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz
1
0.1
105
6.3
65
35
3
46
5.76
5.7
RR
VI
= 9 to 19V, IO = 40mA, f = 120Hz
V
1.7
Tj
= 25°C
mA
140
mV/
°C
− 0.7
Tj
= 25°C, VI = 35V
5.5
56
IO
= 5mA, Tj = 0 to 125°C
∆IBias(IN)
∆IBias(L)
VDIF(min)
IO(Short)
∆VO/Ta
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Parameter
Symbol
Conditions
Min
Typ
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn