Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ320C40GFM40 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SMJ320C40GFM40
Description  DIGITAL SIGNAL PROCESSORS
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SMJ320C40GFM40 Datasheet(HTML) 5 Page - Texas Instruments

  SMJ320C40GFM40 Datasheet HTML 1Page - Texas Instruments SMJ320C40GFM40 Datasheet HTML 2Page - Texas Instruments SMJ320C40GFM40 Datasheet HTML 3Page - Texas Instruments SMJ320C40GFM40 Datasheet HTML 4Page - Texas Instruments SMJ320C40GFM40 Datasheet HTML 5Page - Texas Instruments SMJ320C40GFM40 Datasheet HTML 6Page - Texas Instruments SMJ320C40GFM40 Datasheet HTML 7Page - Texas Instruments SMJ320C40GFM40 Datasheet HTML 8Page - Texas Instruments SMJ320C40GFM40 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H -- OCTOBER 1993 -- REVISED OCTOBER 2001
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
NMI with bus-grant feature (C40 silicon revision ≥ 5.0)
The 320C40 devices have a software-configurable feature that forces the internal-peripheral bus to ready when
the NMI signal is asserted. This feature is not present in C40 silicon revision < 5.0. The NMI bus-grant feature
is enabled when bits 19--18 of the status register (ST) are set to 10b. When enabled, a peripheral bus-grant
signal is generated on the falling edge of NMI. When NMI is asserted and this feature is not enabled, the CPU
stalls on access to the peripheral bus if it is not ready. A stall condition occurs when writing to a full FIFO or
reading an empty FIFO. This feature is useful in correcting communication-port errors when used in conjunction
with the communication-port software-reset feature.
IDLE2 clock-stop power-down mode (C40 silicon revision ≥ 5.0)
The 320C40 has a clock-stop mode or power-down mode (IDLE2) to achieve extremely low power
consumption. When an IDLE2 instruction is executed, the clocks are halted with H1 being held high. To exit
IDLE2, assert one of the IIOF3--IIOF0 pins configured as an external interrupt instead of a general-purpose I/O.
A macro showing how to generate the IDLE2 opcode is given in Figure 2. During this power-down mode:
D
No instructions are executed
D
The CPU, peripherals, and internal memory retain their previous state.
D
The external-bus outputs are idle. The address lines remain in their previous state, the data lines are in
the high-impedance state, and the output-control signals are inactive.
; ------------------------------------------------;
; IDLE2: Macro to generate idle2 opcode
;
; ------------------------------------------------;
IDLE2
.macro
.word
06000001h
.endm
Figure 2. Example of Software Subroutine Using IDLE2
IDLE2 is exited when one of the five external interrupts (NMI and IIOF3--IIOF0) is asserted low for at least four
input clocks (two H1 cycles). The clocks then start after a delay of two input clocks (one H1 cycle). The clocks
can start in the opposite phase; that is, H1 can be high when H3 was high before the clocks were stopped.
However, the H1 and H3 clocks remain 180° out of phase with each other.
During IDLE2 operation, an external interrupt can be recognized and serviced by the CPU if it is enabled before
entering IDLE2 and asserted for at least two H1 cycles. For the processor to recognize only one interrupt, the
interrupt pin must be configured for edge-trigger mode or asserted less than three cycles in level-trigger mode.
Any external interrupt pin can wake up the device from IDLE2, but for the CPU to recognize that interrupt, it must
also be enabled. If an interrupt is recognized and executed by the CPU, the instruction following the IDLE2
instruction is not executed until after execution of a return opcode.
When the device is in emulation mode, the CPU executes an IDLE2 instruction as if it were an IDLE instruction.
The clocks continue to run for correct operation of the emulator.


Similar Part No. - SMJ320C40GFM40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C40GFM40 TI-SMJ320C40GFM40 Datasheet
1Mb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - SMJ320C40GFM40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com