Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMQ320LC31 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SMQ320LC31
Description  DIGITAL SIGNAL PROCESSORS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SMQ320LC31 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SMQ320LC31 Datasheet HTML 3Page - Texas Instruments SMQ320LC31 Datasheet HTML 4Page - Texas Instruments SMQ320LC31 Datasheet HTML 5Page - Texas Instruments SMQ320LC31 Datasheet HTML 6Page - Texas Instruments SMQ320LC31 Datasheet HTML 7Page - Texas Instruments SMQ320LC31 Datasheet HTML 8Page - Texas Instruments SMQ320LC31 Datasheet HTML 9Page - Texas Instruments SMQ320LC31 Datasheet HTML 10Page - Texas Instruments SMQ320LC31 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
SMJ320C31, SMJ320LC31, SMQ320LC31
DIGITAL SIGNAL PROCESSORS
SGUS026G − APRIL 1998 − REVISED SEPTEMBER 2006
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions
TERMINAL
TYPE†
DESCRIPTION
CONDITIONS
WHEN
NAME
QTY
TYPE†
DESCRIPTION
WHEN
SIGNAL IS Z TYPE‡
PRIMARY-BUS INTERFACE
D31 − D0
32
I/O/Z
32-bit data port
S
H
R
A23 − A0
24
O/Z
24-bit address port
S
H
R
R/W
1
O/Z
Read / write. R/ W is high when a read is performed and low when a write is performed
over the parallel interface.
S
H
R
STRB
1
O/Z
External-access strobe
S
H
RDY
1
I
Ready. RDY indicates that the external device is prepared for a transaction
completion.
HOLD
1
I
Hold. When HOLD is a logic low, any ongoing transaction is completed. A23 − A0,
D31 − D0, STRB, and R / W are placed in the high-impedance state and all transac-
tions over the primary-bus interface are held until HOLD becomes a logic high or until
the NOHOLD bit of the primary-bus-control register is set.
HOLDA
1
O/Z
Hold acknowledge. HOLDA is generated in response to a logic low on HOLD. HOLDA
indicates that A23 − A0, D31 − D0, STRB, and R / W are in the high-impedance state
and that all transactions over the bus are held. HOLDA is high in response to a logic
high of HOLD or the NOHOLD bit of the primary-bus-control register is set.
S
CONTROL SIGNALS
RESET
1
I
Reset. When RESET is a logic low, the device is in the reset condition. When RESET
becomes a logic high, execution begins from the location specified by the reset vector.
INT3 − INT0
4
I
External interrupts
IACK
1
O/Z
Interrupt acknowledge. IACK is generated by the IACK instruction. IACK can be used
to indicate the beginning or the end of an interrupt-service routine.
S
MCBL / MP
1
I
Microcomputer boot-loader / microprocessor mode-select
SHZ
1
I
Shutdown high impedance. When active, SHZ shuts down the device and places all
pins in the high-impedance state. SHZ is used for board-level testing to ensure that
no dual-drive conditions occur. CAUTION: A low on SHZ corrupts the device memory
and register contents. Reset the device with SHZ high to restore it to a known
operating condition.
XF1, XF0
2
I/O/Z
External flags. XF1 and XF0 are used as general-purpose I / Os or to support
interlocked processor instruction.
S
R
SERIAL PORT 0 SIGNALS
CLKR0
1
I/O/Z
Serial port 0 receive clock. CLKR0 is the serial shift clock for the serial port 0 receiver.
S
R
CLKX0
1
I/O/Z
Serial port 0 transmit clock. CLKX0 is the serial shift clock for the serial port 0
transmitter.
S
R
DR0
1
I/O/Z
Data-receive. Serial port 0 receives serial data on DR0.
S
R
DX0
1
I/O/Z
Data-transmit output. Serial port 0 transmits serial data on DX0.
S
R
FSR0
1
I/O/Z
Frame-synchronization pulse for receive. The FSR0 pulse initiates the data-receive
process using DR0.
S
R
FSX0
1
I/O/Z
Frame-synchronization pulse for transmit. The FSX0 pulse initiates the data-transmit
process using DX0.
S
R
TIMER SIGNALS
TCLK0
1
I/O/Z
Timer clock 0. As an input, TCLK0 is used by timer 0 to count external pulses. As an
output, TCLK0 outputs pulses generated by timer 0.
S
TCLK1
1
I/O/Z
Timer clock 1. As an input, TCLK0 is used by timer 1 to count external pulses. As an
output, TCLK1 outputs pulses generated by timer 1.
S
† I = input, O = output, Z = high-impedance state
‡ S = SHZ active, H = HOLD active, R = RESET active
Not Recommended for New Designs


Similar Part No. - SMQ320LC31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMQ320LC31 TI-SMQ320LC31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMQ320LC31 TI-SMQ320LC31 Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMQ320LC31 TI1-SMQ320LC31 Datasheet
1Mb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMQ320LC31PQM40 TI-SMQ320LC31PQM40 Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMQ320LC31PQM40 TI1-SMQ320LC31PQM40 Datasheet
1Mb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - SMQ320LC31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com