Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM12H458 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM12H458
Description  12-Bit Sign Data Acquisition System
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM12H458 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM12H458 Datasheet HTML 5Page - Texas Instruments LM12H458 Datasheet HTML 6Page - Texas Instruments LM12H458 Datasheet HTML 7Page - Texas Instruments LM12H458 Datasheet HTML 8Page - Texas Instruments LM12H458 Datasheet HTML 9Page - Texas Instruments LM12H458 Datasheet HTML 10Page - Texas Instruments LM12H458 Datasheet HTML 11Page - Texas Instruments LM12H458 Datasheet HTML 12Page - Texas Instruments LM12H458 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
LM12454, LM12458, LM12H458
www.ti.com
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
DC CHARACTERISTICS
(1) (2) (3)
The following specifications apply to the LM12454, LM12458, and LM12H458 for VA+ = VD+ = 5V, VREF+ = 5V, VREF− = 0V,
fCLK = 8.0 MHz (LM12H454/8) or fCLK = 5.0 MHz (LM12458), and minimum acquisition time unless otherwise specified.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
Symbol
Parameter
Conditions
Typical (4)
Limits (5)
Units
CS = “1”
ID+
VD+ Supply Current
LM12454/8
0.55
1.0
mA (max)
LM12H458
0.55
1.2
mA (max)
CS = “1”
IA+
VA+ Supply Current
LM12454/8
3.1
5.0
mA (max)
LM12H458
3.1
5.5
mA (max)
Stand-By Supply Current (ID+) + (IA+)
Clock Stopped
10
μA (max)
IST
[Power-Down Mode Selected]
8 MHz Clock
40
μA (max)
VA+ = 5.5V
ON-Channel = 5.5V,
0.1
0.3
μA (max)
Multiplexer ON-Channel Leakage
OFF-Channel = 0V
Current
ON-Channel = 0V
0.1
0.3
μA (max)
OFF-Channel = 5.5V
VA+ = 5.5V
ON-Channel = 5.5V
0.1
0.3
μA (max)
Multiplexer OFF-Channel Leakage
OFF-Channel = 0V
Current
ON-Channel = 0V
0.3
0.1
μA (max)
OFF-Channel = 5.5V
LM12454
VIN = 5V
800
1500
Ω(max)
RON
Multiplexer ON-Resistance
VIN = 2.5V
850
1500
Ω(max)
VIN = 0V
760
1500
Ω(max)
LM12454
VIN = 5V
±1.0%
±3.0%
(max)
Multiplexer Channel-to-Channel
RON matching
VIN = 2.5V
±1.0%
±3.0%
(max)
VIN = 0V
±1.0%
±3.0%
(max)
(1)
Two on-chip diodes are tied to each analog input through a series resistor, as shown below. Input voltage magnitude up to 5V above
VA+ or 5V below GND will not damage the LM12454 or the LM12(H)458. However, errors in the A/D conversion can occur if these
diodes are forward biased by more than 100 mV. As an example, if VA+ is 4.5 VDC, full-scale input voltage must be ≤4.6 VDC to ensure
accurate conversions. See Figure 3
(2)
VA+ and VD+ must be connected together to the same power supply voltage and bypassed with separate capacitors at each V
+ pin to
assure conversion/comparison accuracy.
(3)
Accuracy is ensured when operating at fCLK = 5 MHz for the LM12454/8 and fCLK = 8 MHz for the LM12H458.
(4)
Typical figures are at TA = 25°C and represent most likely parametric norm.
(5)
Limits are to AOQL (Average Output Quality Level).
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM12454 LM12458 LM12H458


Similar Part No. - LM12H458

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12H458 NSC-LM12H458 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
List of Unclassifed Man...
LM12H458 ETC-LM12H458 Datasheet
1Mb / 103P
   General Purpose Controller Z84C15
logo
Texas Instruments
LM12H458 TI1-LM12H458 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12H458CIV NSC-LM12H458CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12H458CIV NSC-LM12H458CIV Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12H458

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
SP8480 SIPEX-SP8480 Datasheet
246Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com