Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM117KGMD8 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM117KGMD8
Description  3-Terminal Adjustable Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM117KGMD8 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM117KGMD8 Datasheet HTML 7Page - Texas Instruments LM117KGMD8 Datasheet HTML 8Page - Texas Instruments LM117KGMD8 Datasheet HTML 9Page - Texas Instruments LM117KGMD8 Datasheet HTML 10Page - Texas Instruments LM117KGMD8 Datasheet HTML 11Page - Texas Instruments LM117KGMD8 Datasheet HTML 12Page - Texas Instruments LM117KGMD8 Datasheet HTML 13Page - Texas Instruments LM117KGMD8 Datasheet HTML 14Page - Texas Instruments LM117KGMD8 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
LM117QML, LM117QML-SP
www.ti.com
SNVS356D – MARCH 2006 – REVISED APRIL 2013
LM117H & LM117WG RH Electrical Characteristics
AC/DC Post Radiation Limits @ +25°C
(1) (2)
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
VI = 4.25V, IL = -5mA
1.2
1.35
V
1
0
VI = 4.25V, IL = -500mA
1.2
1.35
V
1
0
VO
Output Voltage
VI = 41.25V, IL = -5mA
1.2
1.35
V
1
0
VI = 41.25V, IL = -50mA
1.2
1.35
V
1
0
4.25V
≤ VI ≤ 41.25V,
VRLine
Line Regulation
-25
25
mV
1
IL = -5mA
VI = 6.25V, IL = -125mA
ΔVI / ΔVO
Ripple Rejection
60
dB
4
EI = 1VRMS at f = 2400Hz
VI = 4.25V, RL = 2.5Ω,
1.35
1.20
V
1
CL = 20µf
0
VO (Recov)
Output Voltage Recovery
VI = 40V, RL = 250Ω
1.35
1.20
V
1
0
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the "Post
Radiation Limits" table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are ensured only for the conditions as specified in Mil-Std-883, Method 1019.5,
Condition A.
(2)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM117QML LM117QML-SP


Similar Part No. - LM117KGMD8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM117KGMD8 TI1-LM117KGMD8 Datasheet
975Kb / 30P
[Old version datasheet]   LM117QML 3-Terminal Adjustable Regulator
More results

Similar Description - LM117KGMD8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com