Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM318PE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM318PE4
Description  FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM318PE4 Datasheet(HTML) 1 Page - Texas Instruments

  LM318PE4 Datasheet HTML 1Page - Texas Instruments LM318PE4 Datasheet HTML 2Page - Texas Instruments LM318PE4 Datasheet HTML 3Page - Texas Instruments LM318PE4 Datasheet HTML 4Page - Texas Instruments LM318PE4 Datasheet HTML 5Page - Texas Instruments LM318PE4 Datasheet HTML 6Page - Texas Instruments LM318PE4 Datasheet HTML 7Page - Texas Instruments LM318PE4 Datasheet HTML 8Page - Texas Instruments LM318PE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The LM118 and LM218 are
obsolete and are no longer supplied.
LM118, LM218, LM318
FAST GENERALPURPOSE OPERATIONAL AMPLIFIERS
SLOS063B – JUNE 1976 – REVISED DECEMBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Small Signal Bandwidth . . . 15 MHz Typ
D Slew Rate . . . 50 V/µs Min
D Bias Current . . . 250 nA Max (LM118,
LM218)
D Supply Voltage Range . . . ±5 V to ±20 V
D Internal Frequency Compensation
D Input and Output Overload Protection
D Same Pin Assignments as
General-Purpose Operational Amplifiers
description/ordering information
The LM118, LM218, and LM318 are precision,
fast
operational
amplifiers
designed
for
applications requiring wide bandwidth and high
slew rate. They feature a factor-of-ten increase in
speed over general-purpose devices without
sacrificing dc performance.
These
operational
amplifiers
have
internal
unity-gain
frequency
compensation.
This
considerably simplifies their application because
no external components are necessary for
operation.
However,
unlike
most
internally
compensated
amplifiers,
external
frequency
compensation may be added for optimum
performance.
For
inverting
applications,
feed-forward compensation boosts the slew rate
to over 150 V/
µs and almost double the
bandwidth. Overcompensation can be used with
the amplifier for greater stability when maximum
bandwidth is not needed. Further, a single
capacitor can be added to reduce the settling time
for 0.1% error band to under 1
µs.
The high speed and fast settling time of these operational amplifiers make them useful in A/D converters,
oscillators, active filters, sample-and-hold circuits, and general-purpose amplifiers.
ORDERING INFORMATION
T
VIOmax
PACKAGE†
ORDERABLE
TOP-SIDE
TA
VIOmax
AT 25
°C
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube of 50
LM318P
LM318P
0
°Cto70°C
10 mV
SOIC (D)
Tube of 75
LM318D
LM318
0
°C to 70°C
10 mV
SOIC (D)
Reel of 2500
LM318DR
LM318
SOP (PS)
Reel of 2000
LM318PSR
LM18
† Package drawings, standard packing quantities, thermal data, symboliztion, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
1
2
3
4
8
7
6
5
BAL/COMP1
IN–
IN+
VCC–
COMP2
VCC+
OUT
BAL/COMP3
LM118 ...JG PACKAGE
LM218 ...D OR P PACKAGE
LM318 . . . D, P, OR PS PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
VCC+
NC
OUT
NC
NC
IN–
NC
IN+
NC
LM118 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - LM318PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM318PE4 TI-LM318PE4 Datasheet
342Kb / 11P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Similar Description - LM318PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM118 TI-LM118_07 Datasheet
342Kb / 11P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com