Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM117HVHMDS Datasheet(PDF) 6 Page - Texas Instruments

Part # LM117HVHMDS
Description  3-Terminal Adjustable Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM117HVHMDS Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM117HVHMDS Datasheet HTML 2Page - Texas Instruments LM117HVHMDS Datasheet HTML 3Page - Texas Instruments LM117HVHMDS Datasheet HTML 4Page - Texas Instruments LM117HVHMDS Datasheet HTML 5Page - Texas Instruments LM117HVHMDS Datasheet HTML 6Page - Texas Instruments LM117HVHMDS Datasheet HTML 7Page - Texas Instruments LM117HVHMDS Datasheet HTML 8Page - Texas Instruments LM117HVHMDS Datasheet HTML 9Page - Texas Instruments LM117HVHMDS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LM117HVQML, LM117HVQML-SP
SNVS357D – MARCH 2006 – REVISED APRIL 2013
www.ti.com
LM117HVH, HVWG Electrical Characteristics DC Parameters (continued)
The following conditions apply, unless otherwise specified. VDiff = (VI − VO), IL = 8mA, VOUT = 1.25V (Nominal)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
Delta IAdj /
Adjustment Pin Current Change
3V
≤ VDiff ≤ 40V
-5.0
5.0
µA
1
Line
3.3V
≤ VDiff ≤ 40V
-5.0
5.0
µA
2, 3
IOS
Short Circuit Current
VDiff = 60V
0.0
0.4
A
1
VDiff = 4.25V
0.5
1.8
A
1
θR
Thermal Regulation
VDiff = 40V, IL = 150mA,
6.0
mV
1
t = 20mS
LM117HVH, HVWG Electrical Characteristics AC Parameters
The following conditions apply, unless otherwise specified. VDiff = (VI − VO), IL = 8mA, VOUT = 1.25V (Nominal)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
RR
Ripple Rejection
VI = +6.25V, ƒ = 120Hz,
See(1)
66
dB
4, 5, 6
eI = 1VRMS, IL = 125mA,
VO = VRef
(1)
Tested @ 25°C; specified, but not tested @ 125°C &
−55°C
LM117HVH, HVWG Delta Electrical Characteristics DC Delta Parameters
The following conditions apply, unless otherwise specified.
Deltas performed on QMLV devices at Group B, Subgroup 5, only.
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
IAdj
Adjust Pin Current
VDiff = 3V
-10
10
µA
1
VDiff = 40V
-10
10
µA
1
VRef
Reference Voltage
VDiff = 3V
-0.01
0.01
V
1
VDiff = 40V
-0.01
0.01
V
1
VRLine
Line Regulation
3V
≤ VDiff ≤ 40V,
-4.0
4.0
mV
1
VO = VRef
40V
≤ VDiff ≤ 60V,
-6.0
6.0
mV
1
IL = 60mA
LM117HVH, HVWG Post Radiation Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified. VDiff = (VI − VO), IL = 8mA, VOUT = 1.25V (Nominal)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VRef
Reference Voltage
VDiff = 3V
1.2
1.45
V
1
VDiff = 40V
1.2
1.45
V
1
VRLine
Line Regulation
3V
≤ VDiff ≤ 40V,
-40
40
mV
1
VO = VRef
VRLoad
Load Regulation
VDiff = 3V,
-27
27
mV
1
IL = 10mA to 500mA
LM117HVH, HVWG Post Radiation Electrical Characteristics AC Parameters
The following conditions apply, unless otherwise specified. VDiff = (VI − VO), IL = 8mA, VOUT = 1.25V (Nominal)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
RR
Ripple Rejection
VI = +6.25V, ƒ = 120Hz,
55
dB
4
eI = 1VRMS, IL = 125mA,
VO = VRef
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM117HVQML LM117HVQML-SP


Similar Part No. - LM117HVHMDS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM117HVHMDS TI1-LM117HVHMDS Datasheet
1Mb / 30P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Similar Description - LM117HVHMDS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com