Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM137JAN Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM137JAN
Description  3-Terminal Adjustable Negative Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM137JAN Datasheet(HTML) 3 Page - Texas Instruments

  LM137JAN Datasheet HTML 1Page - Texas Instruments LM137JAN Datasheet HTML 2Page - Texas Instruments LM137JAN Datasheet HTML 3Page - Texas Instruments LM137JAN Datasheet HTML 4Page - Texas Instruments LM137JAN Datasheet HTML 5Page - Texas Instruments LM137JAN Datasheet HTML 6Page - Texas Instruments LM137JAN Datasheet HTML 7Page - Texas Instruments LM137JAN Datasheet HTML 8Page - Texas Instruments LM137JAN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM137JAN
www.ti.com
SNVS332B – DECEMBER 2010 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Power Dissipation (2)
Internally Limited
Input-Output Voltage Differential
40V
Operating Ambient Temperature Range
−55°C ≤ TA ≤ +125°C
Operating Junction Temperature Range
−55°C ≤ TJ ≤ +150°C
Maximum Junction Temperature
+150°C
Storage Temperature
−65°C ≤ TA ≤ +150°C
Lead Temperature (Soldering, 10 sec.)
300°C
Minimum Input Voltage
−41.25V
Maximum Power Dissipation (@25°C)
TO–3
28 Watts
TO
2.5Watts
Thermal Resistance
θJA
TO–3 Metal Can (Still Air)
40°C/W
TO–3 Metal Can (500LF/Min Air Flow)
14°C/W
TO Metal Can (Still Air @ 0.5W)
174°C/W
TO Metal Can (500LF/Min Air Flow @ 0.5W)
64°C/W
θJC
TO–3
4°C/W
TO Metal Can (@ 1.0W)
15°C/W
Package Weight (typical)
TO–3
12,750mg
TO Metal Can
955mg
ESD Rating (3)
4K Volts
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(3)
Human body model, 100pF discharged through 1.5K
Table 2. Recommended Operating Conditions
TA
−55°C ≤ TA ≤ +125°C
Input Voltage Range
−41.25V to −4.25V
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM137JAN


Similar Part No. - LM137JAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
More results

Similar Description - LM137JAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com