Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM124AQML Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM124AQML
Description  Low Power Quad Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM124AQML Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM124AQML Datasheet HTML 5Page - Texas Instruments LM124AQML Datasheet HTML 6Page - Texas Instruments LM124AQML Datasheet HTML 7Page - Texas Instruments LM124AQML Datasheet HTML 8Page - Texas Instruments LM124AQML Datasheet HTML 9Page - Texas Instruments LM124AQML Datasheet HTML 10Page - Texas Instruments LM124AQML Datasheet HTML 11Page - Texas Instruments LM124AQML Datasheet HTML 12Page - Texas Instruments LM124AQML Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
LM124AQML, LM124QML
www.ti.com
SNOSAE0K – AUGUST 2004 – REVISED MARCH 2013
LM124A RAD HARD Electrical Characteristics SMD: 5962R99504 DC Parameters
(1) (2)
(continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
All voltages referenced to device ground.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Groups
+25°C
≤ TA ≤ +125°C,
+VCC = 5V, -VCC = 0V,
-400
400
pA/° C
2
Input Offset Current
VCM = +1.4V
ΔIO/ ΔT
Temperature
(5)
Sensitivity
-55°C
≤ TA ≤ +25°C, +VCC = 5V,
-700
700
pA/ °C
3
-VCC = 0V, VCM = +1.4V
LM124A RAD HARD SMD: 5962R99504 AC/DC Parameters
(1) (2)
(The following conditions apply to all the following parameters, unless otherwise specified.)
All voltages referenced to device ground.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
UniT
G roups
VCC+ = 30V, VCC- = Gnd,
35
mV
4, 5, 6
RL = 10K Ω
Logical "0" Output
VCC+ = 30V, VCC- = Gnd,
VOL
1.5
V
4, 5, 6
Voltage
IOI = 5mA
VCC+ = 4.5V, VCC- = Gnd,
0.4
V
4, 5, 6
IOI = 2uA
VCC+ = 30V, VCC- = Gnd,
27
V
4, 5, 6
IOH = -10mA
Logical "1" Output
VOH
Voltage
VCC+ = 4.5V, VCC- = Gnd,
2.4
V
4, 5, 6
IOH = -10mA
VCC+ = 30V, VCC- = Gnd,
50
V/mV
4
1V
≤ VO ≤ 26V, RL = 10K Ω
25
V/mV
5, 6
AVS+
Voltage Gain
VCC+ = 30V, VCC- = Gnd,
50
V/mV
4
5V
≤ VO ≤ 20V, RL = 2K Ω
25
V/mV
5, 6
VCC+ = 5V, VCC- = Gnd,
10
V/mV
4, 5, 6
1V
≤ VO ≤ 2.5V, RL = 10K Ω
AVS
Voltage Gain
VCC+ = 5V, VCC- = Gnd,
10
V/mV
4, 5, 6
1V
≤ VO ≤ 2.5V, RL = 2K Ω
VCC+ = 30V, VCC- = Gnd,
27
V
4, 5, 6
VO = +30V, RL = 10K Ω
Maximum Output
+VOP
Voltage Swing
VCC+ = 30V, VCC- = Gnd,
26
V
4, 5, 6
VO = +30V, RL = 2K Ω
Transient Response:
TR(TR)
VCC+ = 30V, VCC- = Gnd
1
uS
7, 8A, 8B
Rise Time
Transient Response:
TR(OS)
VCC+ = 30V, VCC- = Gnd
50
%
7, 8A, 8B
Overshoot
Slew Rate: Rise
VCC+ = 30V, VCC- = Gnd
0.1
V/uS
7, 8A, 8B
±SR
Slew Rate: Fall
VCC+ = 30V, VCC- = Gnd
0.1
V/uS
7, 8A, 8B
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are ensured only for the conditions as specified in MIL-STD-883, Method 1019
(2)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM124AQML LM124QML


Similar Part No. - LM124AQML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM124AQML TI1-LM124AQML Datasheet
456Kb / 30P
[Old version datasheet]   LM124AQML LM124QML Low Power Quad Operational Amplifiers
LM124AQML TI1-LM124AQML_13 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Quad Operational Amplifiers
More results

Similar Description - LM124AQML

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com