Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP4025LSS Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP4025LSS
Description  40V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4025LSS Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP4025LSS Datasheet HTML 1Page - Diodes Incorporated DMP4025LSS Datasheet HTML 2Page - Diodes Incorporated DMP4025LSS Datasheet HTML 3Page - Diodes Incorporated DMP4025LSS Datasheet HTML 4Page - Diodes Incorporated DMP4025LSS Datasheet HTML 5Page - Diodes Incorporated DMP4025LSS Datasheet HTML 6Page - Diodes Incorporated DMP4025LSS Datasheet HTML 7Page - Diodes Incorporated DMP4025LSS Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DMP4025LSD
Document Number: DS35936 Rev: 1 - 2
6 of 8
www.diodes.com
June 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMP4025LSS
0
5
10
15
20
25
30
Fig. 11 Typical Total Capacitance
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
10
100
1,000
10,000
C
iss
C
rss
Coss
0
5
10
15
20
25
30
35
40
Fig. 12 Typical Leakage Current
vs. Drain-Source Voltage
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
10,000
1,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
5
10
15
20
25
30
35
40
Fig. 13 Gate-Charge Characteristics
Q , TOTAL GATE CHARGE (nC)
g
0
2
4
6
8
10
V
= -20V
I = -12A
DS
D


Similar Part No. - DMP4025LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4025LSSQ DIODES-DMP4025LSSQ Datasheet
497Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4025LSSQ-13 DIODES-DMP4025LSSQ-13 Datasheet
497Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4025LSS DIODES-DMP4025LSS_15 Datasheet
193Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP4025LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
   40V P-channel enhancement mode MOSFET
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
   -40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
   -40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
logo
Diodes Incorporated
DMP4026LSSQ DIODES-DMP4026LSSQ Datasheet
573Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev: 2 - 2
logo
Pan Jit International I...
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com