Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7300A Datasheet(PDF) 27 Page - Analog Devices

Part # ADV7300A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7300A Datasheet(HTML) 27 Page - Analog Devices

Back Button ADV7300A Datasheet HTML 23Page - Analog Devices ADV7300A Datasheet HTML 24Page - Analog Devices ADV7300A Datasheet HTML 25Page - Analog Devices ADV7300A Datasheet HTML 26Page - Analog Devices ADV7300A Datasheet HTML 27Page - Analog Devices ADV7300A Datasheet HTML 28Page - Analog Devices ADV7300A Datasheet HTML 29Page - Analog Devices ADV7300A Datasheet HTML 30Page - Analog Devices ADV7300A Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
REV. A
ADV7300A/ADV7301A
–27–
Table VIII. SD Registers (continued)
Subaddress Register
Bit Description
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0Register Setting
Reset
64h
SD DNR 1
DNR Threshold
0000000
0000011
11111062
11111163
Border Area
0
2 Pixels
14 Pixels
Block Size Control
08 Pixels
1
16 Pixels
001
Filter A
010
Filter B
011
Filter C
100
Filter D
0DNR Mode
1
DNR Sharpness Mode
0000
0 Pixel Offset
0001
1 Pixel Offset
1110
14 Pixel Offset
1111
15 Pixel Offset
66h
SD Gamma A
SD Gamma Curve A Data
Points
XXXXXXXXA0
00h
67h
SD Gamma A
SD Gamma Curve A Data
Points
XXXXXXXXA1
00h
68h
SD Gamma A
SD Gamma Curve A Data
Points
XXXXXXXXA2
00h
69h
SD Gamma A
SD Gamma Curve A Data
Points
XXXXXXXXA3
00h
6Ah
SD Gamma A
SD Gamma Curve A Data
Points
XXXXXXXXA4
00h
6Bh
SD Gamma A
SD Gamma Curve A Data
Points
XXXXXXXXA5
00h
6Ch
SD Gamma A
SD Gamma Curve A Data
Points
XXXXXXXXA6
00h
6Dh
SD Gamma A
SD Gamma Curve A Data
Points
XXXXXXXXA7
00h
6Eh
SD Gamma A
SD Gamma Curve A Data
Points
XXXXXXXXA8
00h
6Fh
SD Gamma A
SD Gamma Curve A Data
Points
XXXXXXXXA9
00h
70h
SD Gamma B
SD Gamma Curve B Data
Points
XXXXXXXXB 0
00h
71h
SD Gamma B
SD Gamma Curve B Data
Points
XXXXXXXXB 1
00h
72h
SD Gamma B
SD Gamma Curve B Data
Points
XXXXXXXXB 2
00h
73h
SD Gamma B
SD Gamma Curve B Data
Points
XXXXXXXXB 3
00h
74h
SD Gamma B
SD Gamma Curve B Data
Points
XXXXXXXXB 4
00h
75h
SD Gamma B
SD Gamma Curve B Data
Points
XXXXXXXXB 5
00h
76h
SD Gamma B
SD Gamma Curve B Data
Points
XXXXXXXXB 6
00h
77h
SD Gamma B
SD Gamma Curve B Data
Points
XXXXXXXXB 7
00h
78h
SD Gamma B
SD Gamma Curve B Data
Points
XXXXXXXXB 8
00h
79h
SD Gamma B
SD Gamma Curve B Data
Points
XXXXXXXXB 9
00h
7Ah
SD Brightness Detect
SD Brightness Value
XXXXXXXX
Read-Only
7Bh
Field Count Register
Field Count
XXX
Read-Only
Reserved
0
Zero must be written
to this bit.
Reserved
0
Zero must be written
to this bit.
Reserved
0
Zero must be written
to this bit.
Reserved Code
X
X
Read-Only
DNR Block Offset
SD DNR 2
65h
00h
00h
DNR Input Select
DNR Mode


Similar Part No. - ADV7300A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
More results

Similar Description - ADV7300A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. 0
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com