Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7300A Datasheet(PDF) 47 Page - Analog Devices

Part # ADV7300A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7300A Datasheet(HTML) 47 Page - Analog Devices

Back Button ADV7300A Datasheet HTML 43Page - Analog Devices ADV7300A Datasheet HTML 44Page - Analog Devices ADV7300A Datasheet HTML 45Page - Analog Devices ADV7300A Datasheet HTML 46Page - Analog Devices ADV7300A Datasheet HTML 47Page - Analog Devices ADV7300A Datasheet HTML 48Page - Analog Devices ADV7300A Datasheet HTML 49Page - Analog Devices ADV7300A Datasheet HTML 50Page - Analog Devices ADV7300A Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
REV. A
ADV7300A/ADV7301A
–47–
Table XXI. Adaptive Filter Control on Step Input Signal
Address
Register Setting
00h
FCh
01h
38h
02h
20h
10h
00h
11h
81h
15h
80h
20h
00h
38h
ACh
39h
9Ah
3Ah
88h
3Bh
28h
3Ch
3Fh
3Dh
64h
All other register settings are 00h.
When changing the Adaptive Filter Mode to Mode B
[Address 15h, Bit 6], the output in Figure 67 can be obtained.
: 674mV
@: 446mV
: 332ns
@: 12.8ms
Figure 67. Output Signal from Adaptive Filter Control
The adaptive filter control can also be demonstrated using the
internally generated crosshatch test pattern and toggling the Adap-
tive Filter Control Bit [Address 15h, Bit 7], shown in Table XXII.
Table XXII. Adaptive Filter Control on Internal Test Pattern
Address
Register Setting
00h
FCh
01h
38h
02h
20h
10h
00h
11h
85h
15h
80h
20h
00h
38h
ACh
39h
9Ah
3Ah
88h
3Bh
28h
3Ch
3Fh
3Dh
64h
SD DIGITAL NOISE REDUCTION
[Subaddresses 63h, 64h, and 65h]
DNR is applied to the Y data only. A filter block selects the high
frequency, low amplitude components of the incoming signal
(DNR input select). The absolute value of the filter output is
compared to a programmable threshold value (DNR threshold
control). There are two DNR modes available: DNR Mode and
DNR Sharpness Mode.
In DNR Mode, if the absolute value of the filter output is smaller
than the threshold, it is assumed to be noise. A programmable
amount (coring gain border, coring gain data) of this noise signal
will be subtracted from the original signal.
In DNR Sharpness Mode, if the absolute value of the filter
output is less than the programmed threshold, it is assumed to
be noise, as before. Otherwise, if the level exceeds the threshold,
now being identified as a valid signal, a fraction of the signal
(coring gain border, coring gain data) will be added to the origi-
nal signal in order to boost high frequency components and to
sharpen the video image.
In MPEG systems, it is common to process the video information
in blocks of 8
8 pixels for MPEG2 systems or 16
16 pixels for
MPEG1 systems (block size control). DNR can be applied to the
resulting block transition areas that are known to contain noise.
Generally, the block transition area contains two pixels. It is pos-
sible to define this area to contain four pixels (border area.)
It is also possible to compensate for variable block positioning
or differences in YCrCb pixel timing with the use of the (DNR
block offset.)
BLOCK SIZE CONTROL
BORDER AREA
BLOCK OFFSET
CORING GAIN DATA
CORING GAIN BORDER
GAIN
DNR CONTROL
FILTER
OUTPUT
> THRESHOLD ?
INPUT FILTER
BLOCK
FILTER OUTPUT
< THRESHOLD
DNR OUT
MAIN SIGNAL PATH
ADD SIGNAL
ABOVE THRESHOLD
RANGE FROM
ORIGINAL SIGNAL
DNR
SHARPNESS
MODE
NOISE
SIGNAL PATH
Y DATA
INPUT
BLOCK SIZE CONTROL
BORDER AREA
BLOCK OFFSET
CORING GAIN DATA
CORING GAIN BORDER
GAIN
DNR CONTROL
FILTER
OUTPUT
< THRESHOLD ?
INPUT FILTER
BLOCK
FILTER OUTPUT
> THRESHOLD
DNR OUT
MAIN SIGNAL PATH
SUBTRACT SIGNAL
IN THRESHOLD
RANGE FROM
ORIGINAL SIGNAL
DNR MODE
NOISE
SIGNAL PATH
Y DATA
INPUT
Figure 68. DNR Block Diagram


Similar Part No. - ADV7300A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
More results

Similar Description - ADV7300A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. 0
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com