Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7300A Datasheet(PDF) 42 Page - Analog Devices

Part # ADV7300A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7300A Datasheet(HTML) 42 Page - Analog Devices

Back Button ADV7300A Datasheet HTML 38Page - Analog Devices ADV7300A Datasheet HTML 39Page - Analog Devices ADV7300A Datasheet HTML 40Page - Analog Devices ADV7300A Datasheet HTML 41Page - Analog Devices ADV7300A Datasheet HTML 42Page - Analog Devices ADV7300A Datasheet HTML 43Page - Analog Devices ADV7300A Datasheet HTML 44Page - Analog Devices ADV7300A Datasheet HTML 45Page - Analog Devices ADV7300A Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
REV. A
–42–
ADV7300A/ADV7301A
COLOR CONTROLS AND RGB MATRIX
HD Y Color, HD Cr Color, HD Cb Color
[Subaddresses 16h–18h]
Three 8-bit wide registers at Addresses 16h, 17h, and 18h are used
to program the output color of the internal HD test pattern genera-
tor, be it the lines of the crosshatch pattern or the uniform field
test pattern. They are not functional as color controls on external
pixel data input. For this purpose, the RGB matrix is used.
The standard used for the values for Y and the color difference
signals to obtain white, black, and the saturated primary and
complementary colors conforms to the ITU-R.BT601–
ITU-R.BT604 standards. Table XVII shows sample color
values to be programmed into the color registers when Output
Standard Selection is set to EIA 770.2.
Table XVII. Sample Color Values for EIA 770.2 Output
Standard Selection
Sample
Color Y
Color Cr
Color Cb
Color
Value
Value
Value
White
235 (EB)
128 (80)
128 (80)
Black
16 (10)
128 (80)
128 (80)
Red
81 (51)
240 (F0)
90 (5A)
Green
145 (91)
34 (22)
54 (36)
Blue
41 (29)
110 (6E)
240 (F0)
Yellow
210 (D2)
146 (92)
16 (10)
Cyan
170 (AA)
16 (10)
166 (A6)
Magenta
106 (6A)
222 (DE)
202 (CA)
HD RGB Matrix
[Subaddresses 03h–09h]
When the programmable RGB matrix is disabled [Address 02h,
Bit 3], the internal RGB matrix takes care of all YCrCb to YUV
or RGB scaling according to the input standard programmed
into the device.
When the programmable RGB matrix is enabled, the color
components are converted according to the SMPTE274M
standard (1080 i):
YR
G
B
Cb
B Y
RY
'.
'
.
'.
'
'
.
.
''
'
.
.
''
()
()
()
=
×−
()
=
×−
()
0 2126
0 7152
0 0722
05
10 0722
05
10 2126
Cr
This is reflected in the preprogrammed values for GY = 13Bh,
RV = 1F0h, BU = 248h, GV = 93h, and GU = 3Bh.
If another input standard is used, the scale values for GY, GU,
GV, BU, and RV have to be adjusted according to this input
standard. It must be considered by the user that the color com-
ponent conversion might use different scale values. For
example, SMPTE293M uses the following conversion:
YR
G
B
Cb
B Y
RY
'.
'
.
'.
'
'
.
.
''
'
.
.
''
()
()
()
=
×−
()
=
×−
()
0 299
0 587
0 114
05
10 114
05
10 299
Cr
The programmable RGB matrix can be used to control the HD
output levels in cases where the video output does not conform to
standards due to altering the DAC output stages, such as termi-
nation resistors, for example. The programmable RGB matrix is
used for external HD data and is not functional when the HD
test pattern is enabled.
To make use of the programmable RGB matrix, the YCrCb
data should contain the HSYNC signal on the Y channel only.
The RGB matrix should be enabled [Address 02h, Bit 3], the
output should be set to RGB [Address 02h, Bit 3], Sync on
PrPb should be disabled [Address 15h, Bit 2], and Sync on
RGB is optional [Address 02h, Bit 4].
GY at Addresses 03h and 05h control the output levels on the
green signal, BU at 04h and 08h the blue signal output levels,
and RV at 04h and 09h the red output levels. To control YPrPb
output levels, YUV output should be enabled [Address 02h,
Bit 5]. In this case, GY [Address 05h; Address 03, Bits 0–1] is
used for the Y output, RV [Address 09; Address 04, Bits 0–1] is
used for the Pr output, and BU [Address 08h; Address 04h,
Bits 2–3] is used for the Pb output.
If RGB output is selected, the RGB matrix scaler uses the fol-
lowing equations:
RGY
Y
RV
GGY
Y
GU
Cb
GV
=× +
×
=× −
×
−×
××
Cr
Cr
B= GY
Y + BU
Cb
If YUV output is selected, the following equations are used:
RRV
GGY
Y
BBU
Cb
Cr
On power-up, the RGB matrix is programmed with default values:
Address 03h: 03h
Address 04h: F0h
Address 05h: 4Eh
Address 06h: 0Eh
Address 07h: 24h
Address 08h: 92h
Address 09h: 7Ch
When the programmable RGB matrix is not functional, the
ADV7300A/ADV7301A automatically scales YCrCb inputs to
all standards supported. For SMPTE293M, the register values
are as follows:
Address 03h: 03h
Address 04h: 1Eh
Address 05h: 4Eh
Address 06h: 1Bh
Address 07h: 38h
Address 08h: 8Bh
Address 09h: 6Eh
Address 15h, Bit 3 must be set to “1” in this mode.
SD Color Control
[Subaddresses 5Ch, 5Dh, 5Eh, and 5Fh]
SD Y SCALE, SD Cr SCALE, and SD Cb SCALE are three
10-bit wide control registers to scale the Y, U, and V output
levels.
Each of these registers represents the value required to scale the U
or V level from 0 to 2.0 and the Y level from 0 to 1.5 of its initial
level. The value of these 10 bits is calculated using the equation:


Similar Part No. - ADV7300A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
More results

Similar Description - ADV7300A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. 0
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com