Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADV7125 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7125
Description  CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7125 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7125 Datasheet HTML 4Page - Analog Devices ADV7125 Datasheet HTML 5Page - Analog Devices ADV7125 Datasheet HTML 6Page - Analog Devices ADV7125 Datasheet HTML 7Page - Analog Devices ADV7125 Datasheet HTML 8Page - Analog Devices ADV7125 Datasheet HTML 9Page - Analog Devices ADV7125 Datasheet HTML 10Page - Analog Devices ADV7125 Datasheet HTML 11Page - Analog Devices ADV7125 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. 0
ADV7125
–9–
CIRCUIT DESCRIPTION AND OPERATION
The ADV7125 contains three 8-bit DACs, with three input
channels, each containing an 8-bit register. Also integrated on
board the part is a reference amplifier. CRT control functions
BLANK and SYNC are integrated on board the ADV7125.
Digital Inputs
Twenty-four bits of pixel data (color information) R0–R7, G0–G7,
and B0–B7 are latched into the device on the rising edge of
each clock cycle. This data is presented to the three 8-bit DACs
and then converted to three analog (RGB) output waveforms
(See Figure 2).
CLOCK
DATA
ANALOG OUTPUTS
(IOR, IOR, IOB
IOR, IOG, IOB)
DIGITAL INPUTS
(R7–R0, G7–G0, B7–B0,
SYNC, BLANK)
Figure 2. Video Data Input/Output
The ADV7125 has two additional control signals that are latched
to the analog video outputs in a similar fashion.
BLANK and
SYNC are each latched on the rising edge of CLOCK to maintain
synchronization with the pixel data stream.
The
BLANK and SYNC functions allow for the encoding of
these video synchronization signals onto the RGB video output.
This is done by adding appropriately weighted current sources
to the analog outputs, as determined by the logic levels on the
BLANK and SYNC digital inputs. Figure 3 shows the analog
output, RGB video waveform of the ADV7125. The influence of
SYNC and BLANK on the analog video waveform is illustrated.
Table I details the resultant effect on the analog outputs of
BLANK and SYNC.
All these digital inputs are specified to accept TTL logic levels.
Clock Input
The CLOCK input of the ADV7125 is typically the pixel clock
rate of the system. It is also known as the dot rate. The dot rate,
and thus the required CLOCK frequency, will be determined by
the on-screen resolution, according to the following equation:
Dot Rate = (Horiz Res)
× (Vert Res) × (Refresh Rate)/(Retrace Factor)
Horiz Res = Number of Pixels/Line
Vert Res = Number of Lines/Frame
Refresh Rate = Horizontal Scan Rate. This is the rate at which
the screen must be refreshed, typically 60 Hz for a noninterlaced
system or 30 Hz for an interlaced system.
Retrace Factor = Total Blank Time Factor. This takes into account
that the display is blanked for a certain fraction of the total
duration of each frame (e.g., 0.8).
RED, BLUE
GREEN
mA
V
mA
V
18.62
0.7
26.67
1.000
00
8.62
0.3
00
WHITE LEVEL
BLANK LEVEL
SYNC LEVEL
100 IRE
43 IRE
NOTES
1. OUTPUTS CONNECTED TO A DOUBLY TERMINATED 75
LOAD.
2. VREF = 1.235V, RSET = 530 .
3. RS-343A LEVELS AND TOLERANCES ASSUMED ON ALL LEVELS.
Figure 3. RGB Video Output Waveform
Table I. Video Output Truth Table (RSET = 530
Ω, R
LOAD = 37.5
Ω)
Description
IOG (mA)
IOG (mA)
IOR/IOB
IOR/IOB
SYNC
BLANK
DAC Input Data
WHITE LEVEL
26.67
0
18.62
0
1
1
FFH
VIDEO
Video + 8.05
18.62 – Video
Video
18.62 – Video
1
1
Data
VIDEO to
BLANK
Video
18.62 – Video
Video
18.62 – Video
0
1
Data
BLACK LEVEL
8.05
18.62
0
18.62
1
1
00H
BLACK to
BLANK
0
18.62
0
18.62
0
1
00H
BLANK LEVEL
8.05
18.62
0
18.62
1
0
xxH
SYNC LEVEL
0
18.62
0
18.62
0
0
xxH


Similar Part No. - ADV7125

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
ADV7125 AD-ADV7125 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125BCPZ170-RL AD-ADV7125BCPZ170-RL Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results

Similar Description - ADV7125

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com