Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM10692BRMYT Datasheet(PDF) 25 Page - Texas Instruments

Part # LM10692BRMYT
Description  LM10692 Power Management Unit for SandForce SF3700 SSD Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM10692BRMYT Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM10692BRMYT Datasheet HTML 21Page - Texas Instruments LM10692BRMYT Datasheet HTML 22Page - Texas Instruments LM10692BRMYT Datasheet HTML 23Page - Texas Instruments LM10692BRMYT Datasheet HTML 24Page - Texas Instruments LM10692BRMYT Datasheet HTML 25Page - Texas Instruments LM10692BRMYT Datasheet HTML 26Page - Texas Instruments LM10692BRMYT Datasheet HTML 27Page - Texas Instruments LM10692BRMYT Datasheet HTML 28Page - Texas Instruments LM10692BRMYT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
125 µs
VOUT
Set VOUT
Soft-Start begins
IL
Full Current Limit
Soft-Start over
125 µs
125 µs
LM10692
www.ti.com
SNVSA53 – JULY 2014
8.3.5 Low Power Operation
When the output current is low, each converter operates in PFM with a hysteretic pattern to limit the amount of
switching event to a minimum and keep the current consumption lower. Buck1 and Buck6 are programmed to
operate in PWM mode all the time.
This mode can be overridden by the user with specific I2C commands (Specification ensured by design. Not
tested during production). However, the default programmed mode will be reloaded upon reset.
8.4 Device Functional Modes
8.4.1 Soft Start
8.4.1.1 Buck Mode
During power-up or when EN_AON or EN_CPE is toggled high, the bucks will turn on following a three steps
soft-start pattern. Each step lasts 125us and consist of a constant average inductor current. The output voltage
rise in a set of ramps as the output capacitor is being charged. If the set output voltage is reached prior to all the
steps being completed, the soft-start period will be over. After the 375us soft-start period has elapsed, the full
current (limited by the OCP setting for that buck converter) is allowed into the inductor regardless of the state of
the output voltage.
Figure 29. Typical Soft-Start Pattern
It is preferable to ensure that the output voltage will be reached before the Soft-Start period is over. If not, in-rush
current spike might be observed on the input. That spike depends on input capacitor, output capacitor and output
voltage but is typically 1A to 2A in magnitude.
For higher output capacitances, the output voltage will rise more slowly. Also, for higher output voltage settings,
the desired output voltage will be reached less quickly. Hence depending on the output voltage, the output
capacitance might have to be limited if in-rush current is a concern.
8.4.1.2 Bypass Mode
If Buck1 is programmed as a bypass mode, the gate of the internal High Side switch will be gradually increased
to ensure a soft-start pattern. After the HS switch has fully turned ON, the internal PG signal will come up and
the additional bypass switch between the input and the FB1 pin will turn-ON to help reduce the resistance and
voltage drop across the switch.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM10692


Similar Part No. - LM10692BRMYT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM106 NSC-LM106 Datasheet
97Kb / 6P
   Voltage Comparator
More results

Similar Description - LM10692BRMYT

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5045A RICHTEK-RT5045A Datasheet
2Mb / 51P
   Power Management Unit Total Power Solution for SSD
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
   Power Management IC for SSD
RT9996 RICHTEK-RT9996 Datasheet
230Kb / 12P
   Power Management IC for SSD
logo
Monolithic Power System...
EV5507E-RG-00A MPS-EV5507E-RG-00A Datasheet
391Kb / 6P
   7V Energy Storage and Management Unit for SSD Application Evaluation Board
EV5512-V-00A MPS-EV5512-V-00A Datasheet
262Kb / 6P
   18V Enery Storage and Management Unit for SSD Application Evaluation Board
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
Monolithic Power System...
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
   18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com