Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM10692BRMYR Datasheet(PDF) 39 Page - Texas Instruments

Part # LM10692BRMYR
Description  LM10692 Power Management Unit for SandForce SF3700 SSD Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM10692BRMYR Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM10692BRMYR Datasheet HTML 35Page - Texas Instruments LM10692BRMYR Datasheet HTML 36Page - Texas Instruments LM10692BRMYR Datasheet HTML 37Page - Texas Instruments LM10692BRMYR Datasheet HTML 38Page - Texas Instruments LM10692BRMYR Datasheet HTML 39Page - Texas Instruments LM10692BRMYR Datasheet HTML 40Page - Texas Instruments LM10692BRMYR Datasheet HTML 41Page - Texas Instruments LM10692BRMYR Datasheet HTML 42Page - Texas Instruments LM10692BRMYR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
LM10692
www.ti.com
SNVSA53 – JULY 2014
11 Layout
11.1 Layout Guidelines
Proper layout of the PCB is critical to the proper operation of the IC. A compact layout will yield better
performances as well as an overall reduced footprint for the solution.
Of prime importance is the location of the input capacitors. Those need to be close to the IC’s power input they
are assigned to in order to reduce the parasitic inductance between the input and the power rails inside the IC.
The output capacitors should be connected close to the GND of the input capacitors of the same channel. This is
because current flows from the input capacitor (through the inductor) to the output capacitor and the load during
the part of the switching cycle when the HS FET is ON.
Inductors should be close to the switch nodes. The path from the switch node pin and the inductor pad should be
minimized. It is a good practice to keep the PCB from having any copper such as ground planes underneath the
inductor pad on the switch node side to reduce switch node capacitance. Increased switch node capacitance can
lead to lower efficiency as it increases the turn-on and turn-off time of the FET and thereby increases switching
losses.
Signal traces should avoid crossing underneath the switch node traces and pads or passing between the
inductor’s pads in order to avoid noise from the switch node and the magnetic components to couple into these
lines. This applies particularly to the feedback lines.
To increase thermal conductivity and help carry heat away from the IC, the planes should have as large surfaces
as possible, which is applicable in particular to PVIN and GND with regard to the IC. This also applies to the six
outputs lines in order to spread the heat generated on each of the inductors.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM10692


Similar Part No. - LM10692BRMYR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM106 NSC-LM106 Datasheet
97Kb / 6P
   Voltage Comparator
More results

Similar Description - LM10692BRMYR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5045A RICHTEK-RT5045A Datasheet
2Mb / 51P
   Power Management Unit Total Power Solution for SSD
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
   Power Management IC for SSD
RT9996 RICHTEK-RT9996 Datasheet
230Kb / 12P
   Power Management IC for SSD
logo
Monolithic Power System...
EV5507E-RG-00A MPS-EV5507E-RG-00A Datasheet
391Kb / 6P
   7V Energy Storage and Management Unit for SSD Application Evaluation Board
EV5512-V-00A MPS-EV5512-V-00A Datasheet
262Kb / 6P
   18V Enery Storage and Management Unit for SSD Application Evaluation Board
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
Monolithic Power System...
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
   18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com