Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF298 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LF298
Description  Monolithic Sample-and-Hold Circuits
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF298 Datasheet(HTML) 2 Page - Texas Instruments

  LF298 Datasheet HTML 1Page - Texas Instruments LF298 Datasheet HTML 2Page - Texas Instruments LF298 Datasheet HTML 3Page - Texas Instruments LF298 Datasheet HTML 4Page - Texas Instruments LF298 Datasheet HTML 5Page - Texas Instruments LF298 Datasheet HTML 6Page - Texas Instruments LF298 Datasheet HTML 7Page - Texas Instruments LF298 Datasheet HTML 8Page - Texas Instruments LF298 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LF198-N, LF298, LF398-N
LF198A-N, LF398A-N
SNOSBI3B – JULY 2000 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 12
1
Features .................................................................. 1
8.3
Feature Description................................................. 12
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 12
3
Description ............................................................. 1
9
Application and Implementation ........................ 13
4
Revision History..................................................... 2
9.1
Application Information............................................ 13
5
Pin Configuration and Functions ......................... 3
9.2
Typical Applications ................................................ 15
6
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 24
6.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 25
6.2
Recommended Operating Conditions ....................... 4
11.1
Layout Guidelines ................................................. 25
6.3
Thermal Information .................................................. 4
11.2
Layout Example .................................................... 25
6.4
Electrical Characteristics, LF198-N and LF298 ........ 5
12
Device and Documentation Support ................. 26
6.5
Electrical Characteristics, LF398-N........................... 6
12.1
Device Support...................................................... 26
6.6
Typical Characteristics .............................................. 7
12.2
Related Links ........................................................ 26
7
Parameter Measurement Information ................ 10
12.3
Community Resources.......................................... 26
7.1
TTL and CMOS 3 V
≤ VLOGIC (Hi State) ≤ 7 V ....... 10
12.4
Trademarks ........................................................... 26
7.2
CMOS 7 V
≤ VLOGIC (Hi State) ≤ 15 V .................... 10
12.5
Electrostatic Discharge Caution ............................ 26
7.3
Operational Amplifier Drive ..................................... 11
12.6
Glossary ................................................................ 27
8
Detailed Description ............................................ 12
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 12
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (July 2000) to Revision B
Page
Added ESD Ratings table, Thermal Information table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section....................................... 1
2
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LF198-N LF298 LF398-N LF198A-N LF398A-N


Similar Part No. - LF298

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF298 NSC-LF298 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
NXP Semiconductors
LF298 PHILIPS-LF298 Datasheet
129Kb / 5P
   Sample-and-hold amplifiers
August 31, 1994
logo
List of Unclassifed Man...
LF298 ETC-LF298 Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF298 TI1-LF298 Datasheet
564Kb / 15P
[Old version datasheet]   LF198/LF298/LF398, LF198A/LF398A Monolithic Sample-and-Hold Circuits
LF298 TI1-LF298 Datasheet
3Mb / 38P
[Old version datasheet]   LFx98x Monolithic Sample-and-Hold Circuits
More results

Similar Description - LF298

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com