Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM108AQML Datasheet(PDF) 4 Page - Texas Instruments

Part # LM108AQML
Description  Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM108AQML Datasheet(HTML) 4 Page - Texas Instruments

  LM108AQML Datasheet HTML 1Page - Texas Instruments LM108AQML Datasheet HTML 2Page - Texas Instruments LM108AQML Datasheet HTML 3Page - Texas Instruments LM108AQML Datasheet HTML 4Page - Texas Instruments LM108AQML Datasheet HTML 5Page - Texas Instruments LM108AQML Datasheet HTML 6Page - Texas Instruments LM108AQML Datasheet HTML 7Page - Texas Instruments LM108AQML Datasheet HTML 8Page - Texas Instruments LM108AQML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM108-N, LM108AQML
SNOSAH4B – MARCH 2005 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
LM108-NRH
LM108-
N/LM108-NA
Supply Voltage
±22V
±20V
Power Dissipation(4)
TO-99 8 LD
330mW @ +125°C
CDIP 14LD
400mW @ +125°C
CDIP 8LD
400mW @ +125°C
CLGA 10LD
330mW @ +125°C
CLGA 10 LD
330mW @ +125°C
Differential Input Current(5)
±10 mA
Differential Input Voltage(6)
±30V
N/A
Input Voltage(7)
±20V
±15V
Output Short-Circuit Duration
Continuous
Operating Temperature Range
−55°C ≤ TA
+125°C
Storage Temperature Range
−65°C ≤ TA
+150°C
Thermal Resistance
θJA
TO-99
8 LD Still Air
150°C/W
500LF / Min Air Flow
86°C/W
CDIP
14LD Still Air
94°C/W
500LF / Min Air Flow
55°C/W
CDIP
8LD Still Air
120°C/W
500LF / Min Air Flow
68°C/W
CLGA
10LD Still Air
225°C/W
500LF / Min Air Flow
142°C/W
CLGA
10 LD Still Air
225°C/W
500LF / Min Air Flow
142°C/W
θJC
TO-99 8 LD
38°C/W
CDIP 14LD
13°C/W
CDIP 8LD
17°C/W
CLGA 10LD
21°C/W
CLGA 10 LD
21°C/W
Package Weight (typical)
TO-99 8 LD
990mg
CDIP 14LD
2,180mg
CDIP 8LD
1,090mg
CLGA 10LD
225mg
CLGA 10 LD
210mg
Maximum Junction Temperature
175°C
150°C
Lead Temperature (Soldering, 10 sec)
300°C
ESD Tolerance(8)
2000V
(1)
Parameters have only been entered in the LM108-N / LM108-NA column if different from LM108-NRH
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA) /θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(5)
The inputs are shunted with back-to-back diodes for over voltage protection. Therefore, excessive current will flow if a differential input
voltage in excess of 1V is applied between the inputs unless some limiting resistance is used.
(6)
This rating is ±1.0V unless resistances of 2K Ohms or greater are inserted in series with the inputs to limit current in the input shunt
diodes to the maximum allowable value..
(7)
For supply voltages less than ±20V, the absolute maximum input voltage is equal to the supply voltage.
(8)
Human body model, 1.5 k
Ω in series with 100 pF.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM108-N LM108AQML


Similar Part No. - LM108AQML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
[Old version datasheet]   LM108-N/LM108AQML Operational Amplifiers
More results

Similar Description - LM108AQML

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com