Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH0101A Datasheet(PDF) 7 Page - Texas Instruments

Part # LH0101A
Description  Power Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LH0101A Datasheet(HTML) 7 Page - Texas Instruments

Back Button LH0101A Datasheet HTML 3Page - Texas Instruments LH0101A Datasheet HTML 4Page - Texas Instruments LH0101A Datasheet HTML 5Page - Texas Instruments LH0101A Datasheet HTML 6Page - Texas Instruments LH0101A Datasheet HTML 7Page - Texas Instruments LH0101A Datasheet HTML 8Page - Texas Instruments LH0101A Datasheet HTML 9Page - Texas Instruments LH0101A Datasheet HTML 10Page - Texas Instruments LH0101A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Application Hints
Input Voltages
The LH0101 operational amplifier contains JFET input de-
vices which exhibit high reverse breakdown voltages from
gate to source or drain This eliminates the need for input
clamp diodes so that high differential input voltages may be
applied without a large increase in input current However
neither input voltage should be allowed to exceed the nega-
tive supply as the resultant high current flow may destroy
the unit
Exceeding the negative common-mode limit on either input
will cause a reversal of the phase to the output and force
the amplifier output to the corresponding high or low state
Exceeding the negative common-mode limit on both inputs
will force the amplifier output to a high state In neither case
does a latch occur since raising the input back within the
common-mode range again puts the input stage and thus
the amplifier in a normal operating mode
Exceeding the positive common-mode limit on a single input
will not change the phase of the output however if both
inputs exceed the limit the output of the amplifier will be
forced to a high state
These amplifiers will operate with the common-mode input
voltage equal to the positive supply In fact the common-
mode voltage may exceed the positive supply by approxi-
mately 100 mV independent of supply voltage and over the
full operating temperature range The positive supply may
therefore be used as a reference on an input as for exam-
ple in a supply current monitor andor limiter
With the LH0101 there is a temptation to remove the bias
current compensation resistor normally used on the non-in-
verting input of a summing amplifier Direct connection of
the inputs to ground or a low-impedance voltage source is
not recommended with supply voltages greater than 3V
The potential problem involves loss of one supply which can
cause excessive current in the second supply Destruction
of the IC could result if the current to the inputs of the de-
vice is not limited to less than 100 mA or if there is much
more than 1 mF bypass on the supply buss
Although difficulties can be largely avoided by installing
clamp diodes across the supply lines on every PC board a
conservative design would include enough resistance in the
input lead to limit current to 10 mA if the input lead is pulled
to either supply by internal currents This precaution is by no
means limited to the LH0101
Layout Considerations
When working with circuitry capable of resolving pico-am-
pere level signals leakage currents in circuitry external to
the op amp can significantly degrade performance High
quality insulation is a must (Kel-F and Teflon rate high)
Proper cleaning of all insulating surfaces to remove fluxes
and other residues is also required This includes the IC
package as well as sockets and printed circuit boards
When operating in high humidity environments or near 0 C
some form of surface coating may be necessary to provide
a moisture barrier
The effects of board leakage can be minimized by encircling
the input circuitry with a conductive guard ring operated at a
potential close to that of the inputs
Electrostatic shielding of high impedance circuitry is advisa-
ble
Error voltages can also be generated in the external circuit-
ry Thermocouples formed between dissimilar metals can
cause hundreds of microvolts of error in the presence of
temperature gradients
Since the LH0101 can deliver large output currents careful
attention should be paid to power supply power supply by-
passing and load currents Incorrect grounding of signal in-
puts and load can cause significant errors
Every attempt should be made to achieve a single point
ground system as shown in the figure below
TLK5558 – 7
FIGURE 1 Single-Point Grounding
Bypass capacitor CBX should be used if the lead lengths of
bypass capacitors CB are long If a single point ground sys-
tem is not possible keep signal load and power supply
from intermingling as much as possible For further informa-
tion on proper grounding techniques refer to ‘‘Grounding
and Shielding Techniques in Instrumentation’’ by Morrison
and ‘‘Noise Reduction Techniques in Electronic Systems’’
by Ott (both published by John Wiley and Sons)
Leads or PC board traces to the supply pins short-circuit
current limit pins and the output pin must be substantial
enough to handle the high currents that the LH0101 is capa-
ble of producing
Short Circuit Current Limiting
Should current limiting of the output not be necessary SCa
should be shorted to Va and SCb should be shorted to
Vb Remember that the short circuit current limit is depen-
dent upon the total resistance seen between the supply and
current limit pins This total resistance includes the desired
resistor plus leads PC Board traces and solder joints
As-
suming a zero TCR current limit resistor typical temperature
coefficient of the short circuit current will be approximately
3% C
Short circuit current will be limited to approximately
06
RSC
6


Similar Part No. - LH0101A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LH0101ACK MAXIM-LH0101ACK Datasheet
454Kb / 12P
   Power Operational Amplifier
logo
National Semiconductor ...
LH0101ACK NSC-LH0101ACK Datasheet
279Kb / 12P
   LH0101 Power Operational Amplifier
logo
Maxim Integrated Produc...
LH0101AK MAXIM-LH0101AK Datasheet
454Kb / 12P
   Power Operational Amplifier
logo
National Semiconductor ...
LH0101AK NSC-LH0101AK Datasheet
279Kb / 12P
   LH0101 Power Operational Amplifier
LH0101AK-MIL NSC-LH0101AK-MIL Datasheet
279Kb / 12P
   LH0101 Power Operational Amplifier
More results

Similar Description - LH0101A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com