Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH0003 Datasheet(PDF) 2 Page - Texas Instruments

Part # LH0003
Description  Wide Bandwidth Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LH0003 Datasheet(HTML) 2 Page - Texas Instruments

  LH0003 Datasheet HTML 1Page - Texas Instruments LH0003 Datasheet HTML 2Page - Texas Instruments LH0003 Datasheet HTML 3Page - Texas Instruments LH0003 Datasheet HTML 4Page - Texas Instruments LH0003 Datasheet HTML 5Page - Texas Instruments LH0003 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLK10123
August 1992
LH0003
Wide Bandwidth Operational Amplifier
General Description
The LH0003LH0003C is a general purpose operational
amplifier which features slewing rate up to 70 V ms a gain
bandwidth of up to 30 MHz and high output currents Other
features are
Features
Y
Very low offset voltage
Typically 04 mV
Y
Large output swing
l
g
10V into 100X load
Y
High CMRR
Typically l 90 dB
Y
Good large signal
50 kHz to 400 kHz de-
frequency response
pending on compensation
The LH0003 is specified for operation over the b55 Cto
a
125 C military temperature range The LH0003C is speci-
fied for operation over the 0 Cto a85 C temperature range
Schematic and Connection Diagrams
TLK10123 – 1
TLK10123 – 2
Top View
Order Number LH0003H
LH0003H-MIL or LH0003CH
See NS Package Number H10G
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LH0003

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
More results

Similar Description - LH0003

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Burr-Brown (TI)
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA623 BURR-BROWN-OPA623 Datasheet
254Kb / 15P
   Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
   HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com