Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF147J Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LF147J
Description  Wide Bandwidth Quad JFET Input Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF147J Datasheet(HTML) 3 Page - Texas Instruments

  LF147J Datasheet HTML 1Page - Texas Instruments LF147J Datasheet HTML 2Page - Texas Instruments LF147J Datasheet HTML 3Page - Texas Instruments LF147J Datasheet HTML 4Page - Texas Instruments LF147J Datasheet HTML 5Page - Texas Instruments LF147J Datasheet HTML 6Page - Texas Instruments LF147J Datasheet HTML 7Page - Texas Instruments LF147J Datasheet HTML 8Page - Texas Instruments LF147J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LF147, LF347-N
www.ti.com
SNOSBH1D – MAY 1999 – REVISED MARCH 2013
DC Electrical Characteristics
(1)(2) (continued)
Symbol
Parameter
Conditions
LF147
LF347B
LF347
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
AVOL
Large Signal Voltage Gain VS=±15V, TA=25°C
50
100
50
100
25
100
V/mV
VO=±10V, RL=2 kΩ
Over Temperature
25
25
15
V/mV
VO
Output Voltage Swing
VS=±15V, RL=10 kΩ
±12
±13.
±12
±13.
±12
±13.
V
5
5
5
VCM
Input Common-Mode
±11
+15
±11
+15
±11
+15
V
VS=±15V
Voltage Range
−12
−12
−12
V
CMRR
Common-Mode Rejection
RS≤10 kΩ
80
100
80
100
70
100
dB
Ratio
PSRR
Supply Voltage Rejection
See (4)
80
100
80
100
70
100
dB
Ratio
IS
Supply Current
7.2
11
7.2
11
7.2
11
mA
(4)
Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with
common practice from VS = ± 5V to ±15V for the LF347 and LF347B and from VS = ±20V to ±5V for the LF147.
AC Electrical Characteristics
(1) (2)
Symbol
Parameter
Conditions
LF147
LF347B
LF347
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Amplifier to Amplifier
TA=25°C,
−120
−120
−120
dB
Coupling
f=1 Hz
−20 kHz
(Input Referred)
SR
Slew Rate
VS=±15V, TA=25°C
8
13
8
13
8
13
V/
μs
GBW
Gain-Bandwidth Product
VS=±15V, TA=25°C
2.2
4
2.2
4
2.2
4
MHz
en
Equivalent Input Noise
TA=25°C, RS=100Ω,
20
20
20
nV /
√Hz
Voltage
f=1000 Hz
in
Equivalent Input Noise
Tj=25°C, f=1000 Hz
0.01
0.01
0.01
pA /
√Hz
Current
THD
Total Harmonic Distortion
AV=+10, RL=10k,
<0.0
<0.0
<0.0
%
2
2
2
VO=20 Vp-p,
BW=20 Hz
−20 kHz
(1)
Unless otherwise specified the specifications apply over the full temperature range and for VS=±20V for the LF147 and for VS=±15V for
the LF347B/LF347. VOS, IB, and IOS are measured at VCM=0.
(2)
Refer to RETS147X for LF147D and LF147J military specifications.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LF147 LF347-N


Similar Part No. - LF147J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF147J NSC-LF147J Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147J NSC-LF147J Datasheet
77Kb / 9P
   WIDE BANDWIDTH QUAD JFER INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF147J TI1-LF147J Datasheet
1Mb / 21P
[Old version datasheet]   LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147J-SMD TI1-LF147J-SMD Datasheet
839Kb / 18P
[Old version datasheet]   LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
LF147J/883 NSC-LF147J/883 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
More results

Similar Description - LF147J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Texas Instruments
LF347MX TI1-LF347MX Datasheet
1Mb / 21P
[Old version datasheet]   LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
MJLF147-X NSC-MJLF147-X Datasheet
75Kb / 11P
   WIDE BANDWIDTH QUAD JFET INPUT OPERATIONAL AMPLIFIER
LF453 NSC-LF453 Datasheet
219Kb / 8P
   LF453 Wide-Bandwidth Dual JFET-Input Operational Amplifiers
logo
Texas Instruments
LF147QML TI1-LF147QML Datasheet
839Kb / 18P
[Old version datasheet]   LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_V01 Datasheet
1Mb / 20P
[Old version datasheet]   LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN Datasheet
837Kb / 18P
[Old version datasheet]   LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
logo
STMicroelectronics
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
   Wide bandwidth dual JFET operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com