Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC1051NHRR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LDC1051NHRR
Description  8-bit Rp only Inductance-to-Digital Converter with SPI
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC1051NHRR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LDC1051NHRR Datasheet HTML 7Page - Texas Instruments LDC1051NHRR Datasheet HTML 8Page - Texas Instruments LDC1051NHRR Datasheet HTML 9Page - Texas Instruments LDC1051NHRR Datasheet HTML 10Page - Texas Instruments LDC1051NHRR Datasheet HTML 11Page - Texas Instruments LDC1051NHRR Datasheet HTML 12Page - Texas Instruments LDC1051NHRR Datasheet HTML 13Page - Texas Instruments LDC1051NHRR Datasheet HTML 14Page - Texas Instruments LDC1051NHRR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Rp _ MAX Rp _ MIN
Rp
Rp _ MIN (1 Y) Rp _ MAX Y
u
u


u
0
10
20
30
40
50
60
0
1
2
3
4
5
6
7
8
Distance (mm)
C003
LDC1051
www.ti.com
SNOSCY0 – MARCH 2014
Feature Description (continued)
Figure 10. Transfer Characteristics Of LDC1051 With Rp_MIN= 1.347 k
Ω And Rp_MAX= 38.785 kΩ
The resonance impedance can be calculated from the digital output code as follows:
Where:
Y=Proximity Data/2
7
Rp_MAX and Rp_MIN are the maximum and minimum Rp values selected in the respective registers
Proximity data is the LDC output, register address 0x22.
(2)
Example: If Proximity data (address 0x22) is 50, Rp_MIN is 2.394 k
Ω, and Rp_MAX is 38.785 kΩ, the
resonance impedance is given by:
Y=50/27 = 0.3906
Rp=(38785*2394)/(2394×(1-0.3906) + 38785×0.3906) =(92851290)/(15149.421 + 1458.9036)
Rp = 5.59 k
Ω
7.4 Device Functional Modes
7.4.1 Power Modes
The LDC1051 has two power modes:
Active Mode : In this mode the Proximity data conversion is enabled.
Stand-by Mode: This is the default mode on device power-up. In this mode conversion is disabled.
7.4.2 INTB terminal Modes
The INTB terminal is a configurable output terminal which can be used to drive an interrupt on an MCU. The
LDC1051 provides three different modes on INTB terminal:
1. Comparator Mode
2. Wake-Up Mode
3. DRDY Mode
LDC1051 has built-in High and Low trigger threshold registers which can be used as a comparator with
programmable hysteresis or in a special mode which can be used to wake-up an MCU. These modes are
explained in detail below.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LDC1051


Similar Part No. - LDC1051NHRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1051 TI-LDC1051_15 Datasheet
2Mb / 33P
[Old version datasheet]   LDC1051: 8-bit Rp only Inductance-to-Digital Converter with SPI
More results

Similar Description - LDC1051NHRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1051 TI-LDC1051_15 Datasheet
2Mb / 33P
[Old version datasheet]   LDC1051: 8-bit Rp only Inductance-to-Digital Converter with SPI
LDC1041 TI1-LDC1041 Datasheet
2Mb / 33P
[Old version datasheet]   8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
LDC1041 TI-LDC1041_15 Datasheet
2Mb / 35P
[Old version datasheet]   LDC1041: 8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
logo
Microchip Technology
MCP4901 MICROCHIP-MCP4901 Datasheet
3Mb / 50P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
logo
Texas Instruments
LDC1000 TI1-LDC1000_16 Datasheet
3Mb / 36P
[Old version datasheet]   Inductance-to-Digital Converter
LDC1000-Q1 TI1-LDC1000-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com