Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC1051NHRR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LDC1051NHRR
Description  8-bit Rp only Inductance-to-Digital Converter with SPI
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC1051NHRR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LDC1051NHRR Datasheet HTML 5Page - Texas Instruments LDC1051NHRR Datasheet HTML 6Page - Texas Instruments LDC1051NHRR Datasheet HTML 7Page - Texas Instruments LDC1051NHRR Datasheet HTML 8Page - Texas Instruments LDC1051NHRR Datasheet HTML 9Page - Texas Instruments LDC1051NHRR Datasheet HTML 10Page - Texas Instruments LDC1051NHRR Datasheet HTML 11Page - Texas Instruments LDC1051NHRR Datasheet HTML 12Page - Texas Instruments LDC1051NHRR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
C
Oscillator
L(d)
Rs(d)
Target Metal
Surface
Conductance
of Metal
Ls + L(d)
Rs + R(d)
Distance d
Eddy
Currents
Metal
Target
d
LDC1051
www.ti.com
SNOSCY0 – MARCH 2014
Feature Description (continued)
Figure 5. Inductor With A Metal Target
Eddy currents generated on the surface of the target can be modeled as a transformer as shown in Figure 6. The
coupling between the primary and secondary coils is a function of the distance and the conductor’s
characteristics. In Figure 6, the inductance Ls is the coil’s inductance, and Rs is the coil’s parasitic series
resistance. The inductance L(d), which is a function of distance d, is the coupled inductance of the metal target.
Likewise, R(d) is the parasitic resistance of the eddy currents and is also a function of distance.
Figure 6. Metal Target Modeled As L And R With Circulating Eddy Currents
Generating an alternating magnetic field with just an inductor will consume a large amount of power. This power
consumption can be reduced by adding a parallel capacitor, turning it into a resonator as shown in Figure 7. In
this manner the power consumption is reduced to the eddy and inductor losses Rs+R(d) only.
Figure 7. LC Tank Connected To Oscillator
The LDC1051 doesn’t measure the series resistance directly; instead it measures the equivalent parallel
resonance impedance Rp (see Figure 8). This representation is equivalent to the one shown in Figure 8, where
the parallel resonance impedance Rp(d) is given by:
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LDC1051


Similar Part No. - LDC1051NHRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1051 TI-LDC1051_15 Datasheet
2Mb / 33P
[Old version datasheet]   LDC1051: 8-bit Rp only Inductance-to-Digital Converter with SPI
More results

Similar Description - LDC1051NHRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1051 TI-LDC1051_15 Datasheet
2Mb / 33P
[Old version datasheet]   LDC1051: 8-bit Rp only Inductance-to-Digital Converter with SPI
LDC1041 TI1-LDC1041 Datasheet
2Mb / 33P
[Old version datasheet]   8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
LDC1041 TI-LDC1041_15 Datasheet
2Mb / 35P
[Old version datasheet]   LDC1041: 8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
logo
Microchip Technology
MCP4901 MICROCHIP-MCP4901 Datasheet
3Mb / 50P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
logo
Texas Instruments
LDC1000 TI1-LDC1000_16 Datasheet
3Mb / 36P
[Old version datasheet]   Inductance-to-Digital Converter
LDC1000-Q1 TI1-LDC1000-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com