Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC1041NHRJ Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LDC1041NHRJ
Description  8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC1041NHRJ Datasheet(HTML) 10 Page - Texas Instruments

Back Button LDC1041NHRJ Datasheet HTML 6Page - Texas Instruments LDC1041NHRJ Datasheet HTML 7Page - Texas Instruments LDC1041NHRJ Datasheet HTML 8Page - Texas Instruments LDC1041NHRJ Datasheet HTML 9Page - Texas Instruments LDC1041NHRJ Datasheet HTML 10Page - Texas Instruments LDC1041NHRJ Datasheet HTML 11Page - Texas Instruments LDC1041NHRJ Datasheet HTML 12Page - Texas Instruments LDC1041NHRJ Datasheet HTML 13Page - Texas Instruments LDC1041NHRJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
Distance (mm)
C002
C
Oscillator
L(d)
Rp(d)
Ls L(d)
Rp(d)
[Rs R(d)] C


u
LDC1041
SNOSCY1 – MARCH 2014
www.ti.com
Feature Description (continued)
(1)
Figure 8. Equivalent Resistance Of Rs in Parallel With LC Tank
Figure 9 below shows the variation in Rp as a function of distance for a 14mm diameter PCB coil (Sensor
Details:Table 19). The target in this example is a section of a 2mm thick stainless steel disk.
Figure 9. Typical Rp vs Distance With 14mm PCB Coil
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LDC1041


Similar Part No. - LDC1041NHRJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1041 TI-LDC1041_15 Datasheet
2Mb / 35P
[Old version datasheet]   LDC1041: 8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
More results

Similar Description - LDC1041NHRJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1041 TI-LDC1041_15 Datasheet
2Mb / 35P
[Old version datasheet]   LDC1041: 8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
LDC1051 TI1-LDC1051 Datasheet
2Mb / 31P
[Old version datasheet]   8-bit Rp only Inductance-to-Digital Converter with SPI
LDC1051 TI-LDC1051_15 Datasheet
2Mb / 33P
[Old version datasheet]   LDC1051: 8-bit Rp only Inductance-to-Digital Converter with SPI
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com