Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC1000NHRR Datasheet(PDF) 7 Page - Texas Instruments

Part # LDC1000NHRR
Description  Inductance-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC1000NHRR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LDC1000NHRR Datasheet HTML 3Page - Texas Instruments LDC1000NHRR Datasheet HTML 4Page - Texas Instruments LDC1000NHRR Datasheet HTML 5Page - Texas Instruments LDC1000NHRR Datasheet HTML 6Page - Texas Instruments LDC1000NHRR Datasheet HTML 7Page - Texas Instruments LDC1000NHRR Datasheet HTML 8Page - Texas Instruments LDC1000NHRR Datasheet HTML 9Page - Texas Instruments LDC1000NHRR Datasheet HTML 10Page - Texas Instruments LDC1000NHRR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
tODZ
ttCSSt
SCLK
SDO
CSB
tCSH
1
st Clock
8
th Clock
16
th Clock
D7
D1
D0
tOD
tOZD
ttIAGt
ttCSHt
ttHt
ttPLt
ttPHt
tSU
Valid Data
Valid Data
SCLK
SDI
LDC1000
www.ti.com
SNOSCX2C – SEPTEMBER 2013 – REVISED SEPTEMBER 2015
6.6 Timing Requirements
Unless otherwise noted, all limits specified at TA = 25°C, VDD=5.0, VIO=3.3, 10 pF capacitive load in parallel with a 10 k
load on SDO. Specified by design; not production tested.
MIN
NOM
MAX
UNIT
ƒSCLK
Serial Clock Frequency
4
MHz
tPH
SCLK Pulse Width High
ƒSCLK = 4 MHz
0.4 / ƒSCLK
s
tPL
SCLK Pulse Width Low
ƒSCLK = 4 MHz
0.4 / ƒSCLK
s
tSU
SDI Setup Time
10
ns
tH
SDI Hold Time
10
ns
tODZ
SDO Driven-to-Tristate Time
Measured at 10% / 90% point
20
ns
tOZD
SDO Tristate-to-Driven Time
Measured at 10% / 90% point
20
ns
tOD
SDO Output Delay Time
20
ns
tCSS
CSB Setup Time
20
ns
tCSH
CSB Hold Time
20
ns
tIAG
Inter-Access Gap
100
ns
tDRDYB
Data ready pulse width
Data ready pulse at every 1 / ODR if no
1 / ƒsensor
s
data is read
Figure 1. Write Timing Diagram
Figure 2. Read Timing Diagram
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LDC1000


Similar Part No. - LDC1000NHRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1000 TI-LDC1000 Datasheet
1Mb / 23P
[Old version datasheet]   LDC1000 Inductance to Digital Converter
LDC1000-Q1 TI1-LDC1000-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
LDC1000-Q1 TI-LDC1000-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   LDC1000-Q1 Inductance to Digital Converter
LDC1000-Q1 TI1-LDC1000-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
LDC1000EPWRQ1 TI1-LDC1000EPWRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
More results

Similar Description - LDC1000NHRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1000-Q1 TI1-LDC1000-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
LDC1000 TI-LDC1000 Datasheet
1Mb / 23P
[Old version datasheet]   LDC1000 Inductance to Digital Converter
LDC1001 TI1-LDC1001 Datasheet
3Mb / 36P
[Old version datasheet]   LDC1001 Inductance-to-Digital Converter
LDC1000-Q1 TI-LDC1000-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   LDC1000-Q1 Inductance to Digital Converter
LDC1001-Q1 TI1-LDC1001-Q1 Datasheet
807Kb / 36P
[Old version datasheet]   LDC1001-Q1 Inductance to Digital Converter
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1051 TI1-LDC1051 Datasheet
2Mb / 31P
[Old version datasheet]   8-bit Rp only Inductance-to-Digital Converter with SPI
LDC1101 TI1-LDC1101 Datasheet
1Mb / 55P
[Old version datasheet]   1.8-V High-Resolution, High-Speed Inductance-to-Digital Converter
LDC1101 TI-LDC1101_15 Datasheet
1Mb / 54P
[Old version datasheet]   LDC1101 1.8 V High-Resolution, High-Speed Inductance-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com