Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF533SBBZ500 Datasheet(PDF) 18 Page - Analog Devices

Part # ADSP-BF533SBBZ500
Description  Blackfin Embedded Processor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBBZ500 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADSP-BF533SBBZ500 Datasheet HTML 14Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 15Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 16Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 17Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 18Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 19Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 20Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 21Page - Analog Devices ADSP-BF533SBBZ500 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Rev. 0
|
Page 18 of 56
|
March 2004
ADSP-BF531/ADSP-BF532/ADSP-BF533
UART Port
RX
I
UART Receive
TX
O
UART Transmit
C5
Real Time Clock
RTXI8
IRTC Crystal Input
RTXO
O
RTC Crystal Output
JTAG Port
TCK
I
JTAG Clock
TDO
O
JTAG Serial Data Out
C5
TDI
I
JTAG Serial Data In
TMS
I
JTAG Mode Select
TRST9
I
JTAG Reset
EMU
O
Emulation Output
C5
Clock
CLKIN
I
Clock/Crystal Input
XTAL
O
Crystal Output
Mode Controls
RESET
I
Reset
NMI8
I
Non-maskable Interrupt
BMODE1–0
I
Boot Mode Strap
Voltage Regulator
VROUT1–0
O
External FET Drive
Supplies
VDDEXT
P
I/O Power Supply
VDDINT
P
Core Power Supply
VDDRTC
PReal Time Clock Power Supply
GND
G
External Ground
1 Refer to Figure 26 on Page 39 to Figure 30 on Page 40.
2 See Figure 25 and Figure 26 on Page 39
3 This pin should be pulled HIGH when not used.
4 See Figure 27 and Figure 28 on Page 39
5 See Figure 29 and Figure 30 on Page 40
6 See Figure 31 and Figure 32 on Page 40
7 This pin should always be pulled HIGH through a 4.7K Ohm resistor if booting via the SPI port.
8 This pin should always be pulled LOW when not used.
9 This pin should be pulled LOW if the JTAG port will not be used.
Table 9. Pin Descriptions (Continued)
Pin Name
I/O Function
Driver Type1


Similar Part No. - ADSP-BF533SBBZ500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. H
ADSP-BF533SBBZ500 AD-ADSP-BF533SBBZ500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
More results

Similar Description - ADSP-BF533SBBZ500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com