Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF533 Datasheet(PDF) 40 Page - Analog Devices

Part # ADSP-BF533
Description  Blackfin Embedded Processor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADSP-BF533 Datasheet HTML 36Page - Analog Devices ADSP-BF533 Datasheet HTML 37Page - Analog Devices ADSP-BF533 Datasheet HTML 38Page - Analog Devices ADSP-BF533 Datasheet HTML 39Page - Analog Devices ADSP-BF533 Datasheet HTML 40Page - Analog Devices ADSP-BF533 Datasheet HTML 41Page - Analog Devices ADSP-BF533 Datasheet HTML 42Page - Analog Devices ADSP-BF533 Datasheet HTML 43Page - Analog Devices ADSP-BF533 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Rev. 0
|
Page 40 of 56
|
March 2004
ADSP-BF531/ADSP-BF532/ADSP-BF533
Figure 29. Drive Current C (Low VDDEXT)
Figure 30. Drive Current C (High VDDEXT)
SOURCE VOLTAGE (V)
60
40
20
0
–20
–40
–60
0
0.5
1.0
1.5
2.0
2.5
3.0
V
OH
V
OL
V
DDEXT
= 2.25V @ 95°C
V
DDEXT
= 2.50V @ 25°C
V
DDEXT
= 2.75V @ –40°C
60
80
40
20
0
–20
–40
–60
–80
–100
V
OH
V
DDEXT
= 2.95V @ 95°C
V
DDEXT
= 3.30V @ 25°C
V
DDEXT
= 3.65V @ –40°C
V
OL
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
SOURCE VOLTAGE (V)
Figure 31. Drive Current D (Low VDDEXT)
Figure 32. Drive Current D (High VDDEXT)
SOURCE VOLTAGE (V)
100
60
–60
20
–20
0
–40
40
–80
80
–100
0
0.5
1.0
1.5
2.0
2.5
3.0
V
OH
V
OL
V
DDEXT
= 2.25V @ 95°C
V
DDEXT
= 2.50V @ 25°C
V
DDEXT
= 2.75V @ –40°C
150
100
50
0
–50
–100
–150
V
OH
V
OL
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
SOURCE VOLTAGE (V)
V
DDEXT
= 2.95V @ 95°C
V
DDEXT
= 3.30V @ 25°C
V
DDEXT
= 3.65V @ –40°C


Similar Part No. - ADSP-BF533

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533 AD-ADSP-BF533 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
ADSP-BF533 AD-ADSP-BF533 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF533 AD-ADSP-BF533 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF533 AD-ADSP-BF533 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF533SBB500 AD-ADSP-BF533SBB500 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
More results

Similar Description - ADSP-BF533

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com