Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVE-9100 Datasheet(PDF) 2 Page - Level One

Part # HVE-9100
Description  HDMI over Cat.5 Extender Kit, 300m
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

HVE-9100 Datasheet(HTML) 2 Page - Level One

  HVE-9100 Datasheet HTML 1Page - Level One HVE-9100 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bandwidth:
25-340MHz
Performance
Operating Distance:
Up to 300m
Environment
Temperature (°C):
Operating: 0°C ~ 48°C
Storage: -20°C ~ 60°C
Humidity (Non-condensing):
10~80% RH
Physical Specifications
Dimensions (W x D x H mm):
130 x 97 x 35 (TX unit)
130 x 92 x 35 (RX unit)
Weight (g):
360g (TX unit)
365g (RX unit)
Order Information
HVE-9100
Package Contents
HVE-9100
Power Adapter (x2)
Power Cord (x2)
Quick Installation Guide
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
All mentioned brand names are registered trademarks and property of their owners.
Copyright © Digital Data Communications GmbH, Germany. All Rights Reserved.
www.level1.com
Page 2 of 2


Similar Part No. - HVE-9100

ManufacturerPart #DatasheetDescription
logo
Level One
HVE-9111 LVL1-HVE-9111 Datasheet
388Kb / 2P
   HDMI over Cat.5 Receiver, 300m
HVE-9111R LVL1-HVE-9111R Datasheet
388Kb / 2P
   Screw-in power socket for added safety
HVE-9114T LVL1-HVE-9114T Datasheet
320Kb / 2P
   HDMI over Cat.5 Transmitter, 300m, 4 Channel Outputs
More results

Similar Description - HVE-9100

ManufacturerPart #DatasheetDescription
logo
Level One
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
   HDMI over Cat.5 Extender kit
HVE-9111 LVL1-HVE-9111 Datasheet
388Kb / 2P
   HDMI over Cat.5 Receiver, 300m
HVE-9200 LVL1-HVE-9200 Datasheet
435Kb / 3P
   HDBaseT HDMI over Cat.5 Extender
HVE-9211R LVL1-HVE-9211R Datasheet
435Kb / 3P
   HDBaseT HDMI over Cat.5 Extender
HVE-9200P LVL1-HVE-9200P Datasheet
435Kb / 3P
   HDBaseT HDMI over Cat.5 Extender
HVE-9211 LVL1-HVE-9211 Datasheet
435Kb / 3P
   HDBaseT HDMI over Cat.5 Extender
HVE-9114T LVL1-HVE-9114T Datasheet
320Kb / 2P
   HDMI over Cat.5 Transmitter, 300m, 4 Channel Outputs
logo
Tripp Lite. All Rights ...
B126-1A1-PLHD TRIPPLITE-B126-1A1-PLHD Datasheet
160Kb / 4P
   HDMI over Powerline Extender Kit, Transmitter/Receiver for Video/Audio, IR Control, Up to 300M (984.25 ft.)
logo
National Semiconductor ...
DS16EV51-AEVKH NSC-DS16EV51-AEVKH_14 Datasheet
203Kb / 7P
   HDMI Extender Demo Kit for HDMI Cables
logo
Tripp Lite. All Rights ...
B126-1P1M-U-POC TRIPPLITE-B126-1P1M-U-POC Datasheet
167Kb / 3P
   HDMI over Cat5/Cat6 Extender Kit, Power over Cable, 1080p @ 60 Hz, TAA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com