Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM355SDZCEA216 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DM355SDZCEA216
Description  Digital Media System-on-Chip (DMSoC)
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM355SDZCEA216 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DM355SDZCEA216 Datasheet HTML 2Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 3Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 4Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 5Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 6Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 7Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 8Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 9Page - Texas Instruments DM355SDZCEA216 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
1
TMS320DM355 Digital Media System-on-Chip
3.8
System Control Module
............................. 82
(DMSoC)
................................................... 1
3.9
Pin Multiplexing
..................................... 83
1.1
Features
.............................................. 1
3.10
Device Reset
....................................... 84
1.2
Description
........................................... 3
3.11
Default Device Configurations
...................... 85
1.3
Functional Block Diagram
............................ 5
3.12
Device Boot Modes
................................. 89
Revision History
.............................................. 7
3.13
Power Management
................................ 94
2
Device Overview
........................................ 8
3.14
64-Bit Crossbar Architecture
....................... 95
2.1
Device Characteristics
............................... 8
3.15
MPEG4/JPEG Overview
............................ 98
4
Device Operating Conditions
....................... 99
2.2
Memory Map Summary
.............................. 9
4.1
Absolute Maximum Ratings Over Operating Case
2.3
Pin Assignments
.................................... 11
Temperature Range
2.4
Pin Functions
....................................... 15
(Unless Otherwise Noted)
................................. 99
2.5
Image Data Output - Video Processing Back End
4.2
Recommended Operating Conditions
............. 100
(VPBE)
.............................................. 17
4.3
Electrical Characteristics Over Recommended
2.6
Asynchronous External Memory Interface (AEMIF)
Ranges of Supply Voltage and Operating Case
...................................................... 20
Temperature (Unless Otherwise Noted)
.......... 101
2.7
DDR Memory Interface
............................. 22
5
DM355 Peripheral Information and Electrical
Specifications
......................................... 102
2.8
GPIO
................................................ 24
5.1
Parameter Information Device-Specific Information
2.9
Multi-Media Card/Secure Digital (MMC/SD)
..................................................... 102
Interfaces
........................................... 29
5.2
Recommended Clock and Control Signal Transition
2.10
Universal Serial Bus (USB) Interface
............... 30
Behavior
........................................... 103
2.11
Audio Interfaces
.................................... 31
5.3
Power Supplies
.................................... 103
2.12
UART Interface
..................................... 32
5.4
Reset
.............................................. 105
2.13
I2C Interface
........................................ 33
5.5
Oscillators and Clocks
............................ 106
5.6
General-Purpose Input/Output (GPIO)
............ 111
2.14
Serial Interface
..................................... 33
5.7
External Memory Interface (EMIF)
................ 113
2.15
Clock Interface
...................................... 34
5.8
MMC/SD
........................................... 120
2.16
Real Time Output (RTO) Interface
................. 35
5.9
Video Processing Sub-System (VPSS) Overview
2.17
Pulse Width Modulator (PWM) Interface
........... 35
..................................................... 122
5.10
USB 2.0
........................................... 134
2.18
System Configuration Interface
..................... 36
5.11
Universal Asynchronous Receiver/Transmitter
2.19
Emulation
........................................... 37
(UART)
............................................ 136
2.20
Pin List
.............................................. 38
5.12
Serial Port Interface (SPI)
......................... 138
2.21
Device Support
..................................... 57
5.13
Inter-Integrated Circuit (I2C)
...................... 141
3
Detailed Device Description
......................... 61
5.14
Audio Serial Port (ASP)
........................... 144
3.1
ARM Subsystem Overview
......................... 61
5.15
Timer
.............................................. 152
3.2
ARM926EJ-S RISC CPU
........................... 62
5.16
Pulse Width Modulator (PWM)
.................... 153
3.3
Memory Mapping
................................... 64
5.17
Real Time Out (RTO)
............................. 155
3.4
ARM Interrupt Controller (AINTC)
.................. 65
5.18
IEEE 1149.1 JTAG
................................ 156
3.5
Device Clocking
.................................... 67
6
Mechanical Data
...................................... 159
3.6
PLL Controller (PLLC)
.............................. 78
6.1
Thermal Data for ZCE
............................. 159
3.7
Power and Sleep Controller (PSC)
................. 82
6.2
Packaging Information
............................ 159
6
Contents
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355


Similar Part No. - DM355SDZCEA216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM355SZCE135 TI-DM355SZCE135 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
DM355SZCE216 TI-DM355SZCE216 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
DM355SZCE270 TI-DM355SZCE270 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
DM355SZCEA135 TI-DM355SZCEA135 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
DM355SZCEA216 TI-DM355SZCEA216 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

Similar Description - DM355SDZCEA216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com