Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSD1793DBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DSD1793DBR
Description  24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1793DBR Datasheet(HTML) 4 Page - Texas Instruments

  DSD1793DBR Datasheet HTML 1Page - Texas Instruments DSD1793DBR Datasheet HTML 2Page - Texas Instruments DSD1793DBR Datasheet HTML 3Page - Texas Instruments DSD1793DBR Datasheet HTML 4Page - Texas Instruments DSD1793DBR Datasheet HTML 5Page - Texas Instruments DSD1793DBR Datasheet HTML 6Page - Texas Instruments DSD1793DBR Datasheet HTML 7Page - Texas Instruments DSD1793DBR Datasheet HTML 8Page - Texas Instruments DSD1793DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
DSD1793
SLES075B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
4
ELECTRICAL CHARACTERISTICS (Continued)
all specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 256 fS, and 24-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
DSD1793DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL FILTER PERFORMANCE
De-emphasis error
±0.1
dB
FILTER CHARACTERISTICS-1: SHARP ROLLOFF
Pass band
±0.002 dB
0.454 fS
Pass band
–3 dB
0.49 fS
Stop band
0.546 fS
Pass-band ripple
±0.002
dB
Stop-band attenuation
Stop band = 0.546 fS
–75
dB
Stop-band attenuation
Stop band = 0.567 fS
–82
dB
Delay time
29/fS
s
FILTER CHARACTERISTICS-2: SLOW ROLLOFF
Pass band
±0.04 dB
0.274 fS
Pass band
–3 dB
0.454 fS
Stop band
0.732 fS
Pass-band ripple
±0.002
dB
Stop-band attenuation
Stop band = 0.732 fS
–82
dB
Delay time
29/fS
s
POWER SUPPLY REQUIREMENTS
VDD
Voltage range
3
3.3
3.6
VDC
VCC
Voltage range
4.5
5
5.5
VDC
(1)
fS = 44.1 kHz
6.5
8
IDD
(1)
fS = 96 kHz
13.5
mA
IDD
Supply current (1)
fS = 192 kHz
28
mA
Supply current (1)
fS = 44.1 kHz
14
16
ICC
fS = 96 kHz
15
mA
ICC
fS = 192 kHz
16
mA
(1)
fS = 44.1 kHz
90
110
Power dissipation (1)
fS = 96 kHz
120
mW
Power dissipation (1)
fS = 192 kHz
170
mW
TEMPERATURE RANGE
Operation temperature
–25
85
°C
θJA
Thermal resistance
28-pin SSOP
100
°C/W
(1) Input is BPZ data.


Similar Part No. - DSD1793DBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSD1793DBR BURR-BROWN-DSD1793DBR Datasheet
428Kb / 47P
   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results

Similar Description - DSD1793DBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
[Old version datasheet]   24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
   24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1792A BURR-BROWN-PCM1792A Datasheet
487Kb / 59P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com