Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSD1796 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DSD1796
Description  24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1796 Datasheet(HTML) 2 Page - Texas Instruments

  DSD1796 Datasheet HTML 1Page - Texas Instruments DSD1796 Datasheet HTML 2Page - Texas Instruments DSD1796 Datasheet HTML 3Page - Texas Instruments DSD1796 Datasheet HTML 4Page - Texas Instruments DSD1796 Datasheet HTML 5Page - Texas Instruments DSD1796 Datasheet HTML 6Page - Texas Instruments DSD1796 Datasheet HTML 7Page - Texas Instruments DSD1796 Datasheet HTML 8Page - Texas Instruments DSD1796 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
DSD1796
SLES101A – DECEMBER 2003 – REVISED NOVEMBER 2006
www.ti.com
2
ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE CODE
OPERATION
TEMPERATURE RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA
DSD1796DB
28-lead SSOP
28DB
–25
°C to 85°C
DSD1796
DSD1796DB
Tube
DSD1796DB
28-lead SSOP
28DB
–25
°C to 85°C
DSD1796
DSD1796DBR
Tape and reel
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
DSD1796
Supply voltage
VCC1, VCC2L, VCC2R
–0.3 V to 6.5 V
Supply voltage
VDD
–0.3 V to 4 V
Supply voltage differences: VCC1, VCC2L, VCC2R
±0.1 V
Ground voltage differences: AGND1, AGND2, AGND3L, AGND3R, DGND
±0.1 V
Digital input voltage
PLRCK, PDATA, PBCK, SCK, RST, MS(2), MDI, MC, DSDL(2), DSDR(2), DBCK
–0.3 V to 6.5 V
Digital input voltage
DSDL(3), DSDR(3), MS(3), MDO
–0.3 V to (VDD + 0.3 V) < 4 V
Analog input voltage
–0.3 V to (VCC + 0.3 V) < 6.5 V
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias
–40
°C to 125°C
Storage temperature
–55
°C to 150°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (IR reflow, peak)
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) Input mode
(3) Output mode
ELECTRICAL CHARACTERISTICS
all specifications at TA = 25°C, VCC1 = VCC2L = VCC2R = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 256 fS, and 24-bit data unless
otherwise noted
PARAMETER
TEST CONDITIONS
DSD1796DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
24
Bits
DATA FORMAT (PCM Mode)
Audio data interface format
Standard, I2S, left-justified
Audio data bit length
16-, 20-, 24-bit selectable
Audio data format
MSB first, 2s complement
fS
Sampling frequency
10
200
kHz
System clock frequency
128, 192, 256, 384, 512, 768 fS
DATA FORMAT (DSD Mode)
Audio data interface format
DSD (direct stream digital)
Audio data bit length
1 bit
fS
Sampling frequency
2.8224
MHz
System clock frequency
2.8224
11.2896
MHz


Similar Part No. - DSD1796

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DSD1796 TI-DSD1796 Datasheet
460Kb / 53P
[Old version datasheet]   24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1796DB TI-DSD1796DB Datasheet
460Kb / 53P
[Old version datasheet]   24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1796DBR TI-DSD1796DBR Datasheet
460Kb / 53P
[Old version datasheet]   24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results

Similar Description - DSD1796

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1794 TI-PCM1794 Datasheet
241Kb / 27P
[Old version datasheet]   24BIT 192KHZ SAMPLING , ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1796 TI-DSD1796 Datasheet
460Kb / 53P
[Old version datasheet]   24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796 Datasheet
512Kb / 57P
   24BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1738 BURR-BROWN-PCM1738 Datasheet
2Mb / 33P
   24-Bit, 192kHz Sampling, Advanced Segment, Audio-Stereo DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1793 TI-PCM1793 Datasheet
234Kb / 25P
[Old version datasheet]   24 BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1792 TI-PCM1792 Datasheet
517Kb / 10P
[Old version datasheet]   24 BIT 192KHZ SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
[Old version datasheet]   24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com