Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSD1793 Datasheet(PDF) 9 Page - Texas Instruments

Part # DSD1793
Description  24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1793 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DSD1793_08 Datasheet HTML 5Page - Texas Instruments DSD1793_08 Datasheet HTML 6Page - Texas Instruments DSD1793_08 Datasheet HTML 7Page - Texas Instruments DSD1793_08 Datasheet HTML 8Page - Texas Instruments DSD1793_08 Datasheet HTML 9Page - Texas Instruments DSD1793_08 Datasheet HTML 10Page - Texas Instruments DSD1793_08 Datasheet HTML 11Page - Texas Instruments DSD1793_08 Datasheet HTML 12Page - Texas Instruments DSD1793_08 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
DSD1793
SLES075B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
9
De-Emphasis Filter
Figure 5
f – Frequency – kHz
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
02
46
8
10
12
14
DE-EMPHASIS LEVEL
vs
FREQUENCY
fS = 32 kHz
Figure 6
f – Frequency – kHz
−0.5
−0.4
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
12
14
DE-EMPHASIS ERROR
vs
FREQUENCY
fS = 32 kHz
0.0
Figure 7
f – Frequency – kHz
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
0
2468
10
12
14
16
18
20
DE-EMPHASIS LEVEL
vs
FREQUENCY
fS = 44.1 kHz
Figure 8
f – Frequency – kHz
−0.5
−0.4
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
1012
141618
20
DE-EMPHASIS ERROR
vs
FREQUENCY
0.0
fS = 44.1 kHz


Similar Part No. - DSD1793_08

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSD1793DB BURR-BROWN-DSD1793DB Datasheet
428Kb / 47P
   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1793DBR BURR-BROWN-DSD1793DBR Datasheet
428Kb / 47P
   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results

Similar Description - DSD1793_08

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
[Old version datasheet]   24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
   24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1792A BURR-BROWN-PCM1792A Datasheet
487Kb / 59P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com