Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSD1791 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DSD1791
Description  24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1791 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DSD1791 Datasheet HTML 2Page - Texas Instruments DSD1791 Datasheet HTML 3Page - Texas Instruments DSD1791 Datasheet HTML 4Page - Texas Instruments DSD1791 Datasheet HTML 5Page - Texas Instruments DSD1791 Datasheet HTML 6Page - Texas Instruments DSD1791 Datasheet HTML 7Page - Texas Instruments DSD1791 Datasheet HTML 8Page - Texas Instruments DSD1791 Datasheet HTML 9Page - Texas Instruments DSD1791 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
DSD1791
SLES072B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
6
Terminal Functions
TERMINAL
I/O
DESCRIPTIONS
NAME
PIN
I/O
DESCRIPTIONS
AGNDC
16
Analog ground (internal bias and current DAC)
AGNDF
9
Analog ground (DACFF)
AGNDL
19
Analog ground (L-channel I/V)
AGNDR
11
Analog ground (R-channel I/V)
DBCK
4
I
Bit clock input for DSD mode (1)
DGND
8
Digital ground
DSDL
25
I
L-channel audio data input for DSD mode (1)
DSDR
24
I
R-channel audio data input for DSD mode (1)
MC
27
I
Mode control clock input (1)
MDI
26
I/O
Mode control data input (2)
MS
28
I/O
Mode control chip select input (2)
PBCK
2
I
Bit clock input for PCM mode (1)
PDATA
3
I
Serial audio data input for PCM mode (1)
PLRCK
1
I
Left and right clock (fS) input for PCM mode (1)
RST
6
I
Reset (1)
SCK
5
I
System clock input (1)
VCCC
15
Analog power supply (internal bias and current DAC), 5 V
VCCF
21
Analog power supply (DACFF), 5 V
VCCL
20
Analog power supply (L-channel I/V), 5 V
VCCR
10
Analog power supply (R-channel I/V), 5 V
VCOM
14
Internal bias decoupling pin
VDD
7
Digital power supply, 3.3 V
VOUTL+
17
O
L-channel analog voltage output +
VOUTL–
18
O
L-channel analog voltage output –
VOUTR+
13
O
R-channel analog voltage output +
VOUTR–
12
O
R-channel analog voltage output –
ZEROL
23
O
Zero flag for L-channel
ZEROR
22
O
Zero flag for R-channel
(1) Schmitt-trigger input, 5-V tolerant
(2) Schmitt-trigger input and output. 5-V tolerant input and CMOS output.


Similar Part No. - DSD1791

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1791DB TI-DSD1791DB Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1791DBR TI-DSD1791DBR Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results

Similar Description - DSD1791

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
[Old version datasheet]   24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
   24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DSD1793 TI1-DSD1793_08 Datasheet
604Kb / 50P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1792A BURR-BROWN-PCM1792A Datasheet
487Kb / 59P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com