Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS99R106 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R106
Description  DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R106 Datasheet(HTML) 5 Page - Texas Instruments

  DS99R106 Datasheet HTML 1Page - Texas Instruments DS99R106 Datasheet HTML 2Page - Texas Instruments DS99R106 Datasheet HTML 3Page - Texas Instruments DS99R106 Datasheet HTML 4Page - Texas Instruments DS99R106 Datasheet HTML 5Page - Texas Instruments DS99R106 Datasheet HTML 6Page - Texas Instruments DS99R106 Datasheet HTML 7Page - Texas Instruments DS99R106 Datasheet HTML 8Page - Texas Instruments DS99R106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DS99R105, DS99R106
www.ti.com
SNLS242D – MARCH 2007 – REVISED APRIL 2013
Electrical Characteristics
(1)(2)(3) (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Parameter
Test Conditions
Pin/Freq.
Min
Typ
Max
Units
SER/DES SUPPLY CURRENT (DVDD*, PVDD* and AVDD* pins) *Digital, PLL, and Analog VDDs
IDDT
Serializer (Tx)
RL = 100Ω
f = 40 MHz
Total Supply Current
Pre-emphasis = OFF
40
80
mA
(includes load current)
VODSEL = L
Checker-board pattern (Figure 2)
RL = 100Ω
f = 40 MHz
Pre-emphasis = ON
45
85
mA
VODSEL = L
Checker-board pattern (Figure 2)
Serializer (Tx)
RL = 100Ω
f = 40 MHz
Total Supply Current
Pre-emphasis = OFF
40
85
mA
(includes load current)
VODSEL = H
Checker-board pattern (Figure 2)
RL = 100Ω
f = 40 MHz
Pre-emphasis = ON
45
90
mA
VODSEL = H
Checker-board pattern (Figure 2)
IDDTZ
Serializer (Tx)
TPWDNB = 0V
1
100
µA
Supply Current Power-down
(All other LVCMOS Inputs = 0V)
IDDR
Deserializer (Rx)
CL = 8 pF LVCMOS Output
f = 40 MHz
Total Supply Current
Checker-board pattern
95
mA
(includes load current)
(Figure 3)
Deserializer (Rx)
CL = 8 pF LVCMOS Output
f = 40 MHz
Total Supply Current
Random pattern
90
mA
(includes load current)
IDDRZ
Deserializer (Rx)
RPWDNB = 0V
Supply Current Power-down
(All other LVCMOS Inputs = 0V,
1
50
µA
RIN+/ RIN-= 0V)
Serializer Timing Requirements for TCLK
(1) (2)
Over recommended operating supply and temperature ranges unless otherwise specified.
Parameter
Test Conditions
Min
Typ
Max
Units
tTCP
Transmit Clock Period
(Figure 6)
25
T
333
ns
tTCIH
Transmit Clock High Time
0.4T
0.5T
0.6T
ns
tTCIL
Transmit Clock Low Time
0.4T
0.5T
0.6T
ns
tCLKT
TCLK Input Transition Time
(Figure 5)
3
6
ns
tJIT
TCLK Input Jitter
(3)
33
ps (RMS)
(1)
Figure 2, Figure 3, Figure 9, Figure 13, and Figure 15 show a falling edge data strobe (TCLK IN/RCLK OUT).
(2)
Figure 6 and Figure 16 show a rising edge data strobe (TCLK IN/RCLK OUT).
(3)
tJIT (@BER of 10e-9) specifies the allowable jitter on TCLK. tJIT not included in TxOUT_E_O parameter.
Serializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Parameter
Test Conditions
Min
Typ
Max
Units
tLLHT
LVDS Low-to-High Transition Time
RL = 100Ω, (Figure 4)
0.6
ns
CL = 10 pF to GND
tLHLT
LVDS High-to-Low Transition Time
0.6
ns
VODSEL = L
tDIS
DIN (23:0) Setup to TCLK
RL = 100Ω,
5
ns
CL = 10 pF to GND
tDIH
DIN (23:0) Hold from TCLK
5
ns
(1)
(1)
Specification is ensured by characterization and is not tested in production.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS99R105 DS99R106


Similar Part No. - DS99R106

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS99R106 NSC-DS99R106 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R106 TI1-DS99R106 Datasheet
1,019Kb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R106VS NSC-DS99R106VS Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R106VSX NSC-DS99R106VSX Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results

Similar Description - DS99R106

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R103_0710 NSC-DS99R103_0710 Datasheet
924Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R105 TI1-DS99R105_14 Datasheet
1,019Kb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 TI1-DS99R103_13 Datasheet
1Mb / 29P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R101 NSC-DS99R101 Datasheet
901Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R101 TI1-DS99R101_14 Datasheet
917Kb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R101 TI1-DS99R101_13 Datasheet
916Kb / 29P
[Old version datasheet]   DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com