Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSD1791 Datasheet(PDF) 1 Page - Texas Instruments

Part # DSD1791
Description  24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1791 Datasheet(HTML) 1 Page - Texas Instruments

  DSD1791_08 Datasheet HTML 1Page - Texas Instruments DSD1791_08 Datasheet HTML 2Page - Texas Instruments DSD1791_08 Datasheet HTML 3Page - Texas Instruments DSD1791_08 Datasheet HTML 4Page - Texas Instruments DSD1791_08 Datasheet HTML 5Page - Texas Instruments DSD1791_08 Datasheet HTML 6Page - Texas Instruments DSD1791_08 Datasheet HTML 7Page - Texas Instruments DSD1791_08 Datasheet HTML 8Page - Texas Instruments DSD1791_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
DSD1791
SLES072B − MARCH 2003 − REVISED NOVEMBER 2006
24BIT, 192kHz SAMPLING, ADVANCED SEGMENT,
AUDIO STEREO DIGITALTOANALOG CONVERTER
FEATURES
D Supports both DSD and PCM Formats
D 24-Bit Resolution
D Analog Performance:
− Dynamic Range: 113 dB
− THD+N: 0.001%
− Full-Scale Output: 2.1 V RMS (at Postamp)
D Differential Voltage Output: 3.2 Vp-p
D 8× Oversampling Digital Filter:
− Stop-Band Attenuation: –82 dB
− Pass-Band Ripple:
±0.002 dB
D Sampling Frequency: 10 kHz to 200 kHz
D System Clock: 128, 192, 256, 384, 512, or
768 fS With Autodetect
D Accepts 16-, 20-, and 24-Bit PCM Audio Data
D PCM Data Formats: Standard, I2S, and
Left-Justified
D DSD Format Interface Available
D Optional Interface to External Digital Filter or
DSP Available
D TDMCA Interface Available
D User-Programmable Mode Controls:
− Digital Attenuation: 0 dB to –120 dB,
0.5 dB/Step
− Digital De-Emphasis
− Digital Filter Rolloff: Sharp or Slow
− Soft Mute
− Zero Flag for Each Output/PCM and DSD
Formats
D Dual Supply Operation:
− 5-V Analog, 3.3-V Digital
D 5-V Tolerant Digital Inputs
D Small 28-Lead SSOP Package
APPLICATIONS
D A/V Receivers
D SACD Players
D DVD Players
D HDTV Receivers
D Car Audio Systems
D Digital Multitrack Recorders
D Other Applications Requiring 24-Bit Audio
DESCRIPTION
The DSD1791 is a monolithic CMOS integrated circuit that
includes stereo digital-to-analog converters and support
circuitry in a small 28-lead SSOP package. The data
converters use TI’s advanced segment DAC architecture
to achieve excellent dynamic performance and improved
tolerance to clock jitter. The DSD1791 provides balanced
voltage outputs, allowing the user to optimize analog
performance externally. The DSD1791 accepts PCM and
DSD audio data formats, providing easy interfacing to
audio DSP and decoder chips. The DSD1791 also accepts
interface to external digital filter devices (DF1704,
DF1706, PMD200). Sampling rates up to 200 kHz are
supported. A full set of user-programmable functions is
accessible through an SPI control port, which supports
register write and readback functions. The DSD1791 also
supports the time-division-multiplexed command and
audio (TDMCA) data format.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
BurrBrown Products
from Texas Instruments
Copyright
 2006, Texas Instruments Incorporated


Similar Part No. - DSD1791_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DSD1791DB TI-DSD1791DB Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1791DBR TI-DSD1791DBR Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results

Similar Description - DSD1791_08

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
[Old version datasheet]   24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
   24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DSD1793 TI1-DSD1793_08 Datasheet
604Kb / 50P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1792A BURR-BROWN-PCM1792A Datasheet
487Kb / 59P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com