Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS99R105 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R105
Description  DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R105 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS99R105 Datasheet HTML 2Page - Texas Instruments DS99R105 Datasheet HTML 3Page - Texas Instruments DS99R105 Datasheet HTML 4Page - Texas Instruments DS99R105 Datasheet HTML 5Page - Texas Instruments DS99R105 Datasheet HTML 6Page - Texas Instruments DS99R105 Datasheet HTML 7Page - Texas Instruments DS99R105 Datasheet HTML 8Page - Texas Instruments DS99R105 Datasheet HTML 9Page - Texas Instruments DS99R105 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
DS99R105, DS99R106
SNLS242D – MARCH 2007 – REVISED APRIL 2013
www.ti.com
Serializer Switching Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Parameter
Test Conditions
Min
Typ
Max
Units
tHZD
DOUT ± HIGH to TRI-STATE Delay
RL = 100Ω,
15
ns
CL = 10 pF to GND
tLZD
DOUT ± LOW to TRI-STATE Delay
15
ns
(Figure 7)(2)
tZHD
DOUT ± TRI-STATE to HIGH Delay
200
ns
tZLD
DOUT ± TRI-STATE to LOW Delay
200
ns
tPLD
Serializer PLL Lock Time
RL = 100Ω, (Figure 8)
10
ms
tSD
Serializer Delay
RL = 100Ω, (Figure 9)
3.5T +
3.5T +
ns
VODSEL = L, TRFB = H
2.85
10
RL = 100Ω, (Figure 9)
3.5T +
3.5T +
ns
VODSEL = L, TRFB = L
2.85
10
TxOUT_E_O
TxOUT_Eye_Opening
3–40 MHz
UI
0.68
(respect to ideal)
(Figure 10)(3) (4)
(5)
(2)
When the Serializer output is tri-stated, the Deserializer will lose PLL lock. Resynchronization MUST occur before data transfer.
(3)
tJIT (@BER of 10e-9) specifies the allowable jitter on TCLK. tJIT not included in TxOUT_E_O parameter.
(4)
TxOUT_E_O is affected by pre-emphasis value.
(5)
UI – Unit Interval, equivalent to one ideal serialized data bit width. The UI scales with frequency.
Deserializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Parameter
Test Conditions
Pin/Freq.
Min
Typ
Max
Units
tRCP
Receiver out Clock Period
tRCP = tTCP
(1)
RCLK
25
T
333
ns
tRDC
RCLK Duty Cycle
RCLK
45
50
55
%
tCLH
LVCMOS Low-to-High
CL = 8 pF
ROUT [23:0],
2.5
3.5
ns
Transition Time
(lumped load)
LOCK, RCLK
(Figure 12)
tCHL
LVCMOS High-to-Low
2.5
3.5
ns
Transition Time
tROS
ROUT (7:0) Setup Data to RCLK
(Figure 16)
ROUT [7:0]
(0.40)*
(29/56)*tRCP
ns
(Group 1)
tRCP
tROH
ROUT (7:0) Hold Data to RCLK
(0.40)*
(27/56)*tRCP
ns
(Group 1)
tRCP
tROS
ROUT (15:8) Setup Data to RCLK
(Figure 16)
ROUT [15:8],
(0.40)*
0.5*tRCP
ns
(Group 2)
LOCK
tRCP
tROH
ROUT (15:8) Hold Data to RCLK
(0.40)*
0.5*tRCP
ns
(Group 2)
tRCP
tROS
ROUT (23:16) Setup Data to
(Figure 16)
ROUT [23:16]
(0.40)*
(27/56)*tRCP
ns
RCLK (Group 3)
tRCP
tROH
ROUT (23:16) Hold Data to RCLK
(0.40)*
(29/56)*tRCP
ns
(Group 3)
tRCP
tHZR
HIGH to TRI-STATE Delay
(Figure 14)
ROUT [23:0],
3
10
ns
RCLK, LOCK
tLZR
LOW to TRI-STATE Delay
3
10
ns
tZHR
TRI-STATE to HIGH Delay
3
10
ns
tZLR
TRI-STATE to LOW Delay
3
10
ns
tDD
Deserializer Delay
(Figure 13)
RCLK
[4+(3/56)]T
[4+(3/56)]T
ns
+5.9
+18.5
tDRDL
Deserializer PLL Lock Time from
(Figure 15)
3 MHz
5
50
ms
Powerdown
(2) (1)
40 MHz
5
50
ms
RxIN_TOL_L
Receiver INput TOLerance Left
(Figure 17) (3) (1) (4)
3 MHz–40 MHz
0.25
UI
RxIN_TOL_R Receiver INput TOLerance Right
(Figure 17) (3) (1) (4)
3 MHz–40 MHz
0.25
UI
(1)
Specification is ensured by characterization and is not tested in production.
(2)
The Deserializer PLL lock time (tDRDL) may vary depending on input data patterns and the number of transitions within the pattern.
(3)
RxIN_TOL is a measure of how much phase noise (jitter) the deserializer can tolerate in the incoming data stream before bit errors
occur. It is a measurement in reference with the ideal bit position, please see TI’s AN-1217 (SNLA053) for detail.
(4)
UI – Unit Interval, equivalent to one ideal serialized data bit width. The UI scales with frequency.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS99R105 DS99R106


Similar Part No. - DS99R105

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R105 TI1-DS99R105 Datasheet
1,019Kb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R105VS NSC-DS99R105VS Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105VSX NSC-DS99R105VSX Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R105 TI1-DS99R105_14 Datasheet
1,019Kb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results

Similar Description - DS99R105

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R103_0710 NSC-DS99R103_0710 Datasheet
924Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R105 TI1-DS99R105_14 Datasheet
1,019Kb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 TI1-DS99R103_13 Datasheet
1Mb / 29P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R101 NSC-DS99R101 Datasheet
901Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R101 TI1-DS99R101_14 Datasheet
917Kb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R101 TI1-DS99R101_13 Datasheet
916Kb / 29P
[Old version datasheet]   DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com