Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS99R102 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R102
Description  DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R102 Datasheet(HTML) 2 Page - Texas Instruments

  DS99R102 Datasheet HTML 1Page - Texas Instruments DS99R102 Datasheet HTML 2Page - Texas Instruments DS99R102 Datasheet HTML 3Page - Texas Instruments DS99R102 Datasheet HTML 4Page - Texas Instruments DS99R102 Datasheet HTML 5Page - Texas Instruments DS99R102 Datasheet HTML 6Page - Texas Instruments DS99R102 Datasheet HTML 7Page - Texas Instruments DS99R102 Datasheet HTML 8Page - Texas Instruments DS99R102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
DEN
VODSEL
DIN
TRFB
24
REN
RRFB
RPWDNB
TCLK
TPWDNB
SERIALIZER ± DS99R101
PLL
Timing
and
Control
DOUT-
RIN-
DESERIALIZER ± DS99R102
DOUT+
RIN+
PLL
Timing
and
Control
24
ROUT
LOCK
RCLK
Clock
Recovery
DS99R101, DS99R102
SNLS240D – MARCH 2007 – REVISED APRIL 2013
www.ti.com
Block Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VDD)
−0.3V to +4V
LVCMOS/LVTTL Input Voltage
−0.3V to (VDD +0.3V)
LVCMOS/LVTTL Output Voltage
−0.3V to (VDD +0.3V)
LVDS Receiver Input Voltage
−0.3V to 3.9V
LVDS Driver Output Voltage
−0.3V to 3.9V
LVDS Output Short Circuit Duration
10 ms
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 4 seconds)
+260°C
Maximum Package Power Dissipation Capacity
48L TQFP
Package
De-rating:
1/
θJA °C/W above +25°C
DS99R101
θJA
45.8 (4L(3)); 75.4 (2L(3)) °C/W
θJC
21.0°C/W
DS99R102
θJA
45.4 (4L(3)); 75.0 (2L(3))°C/W
θJC
21.1°C/W
ESD Rating (HBM)
≥±8 kV
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
JEDEC
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS99R101 DS99R102


Similar Part No. - DS99R102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS99R102 TI1-DS99R102 Datasheet
917Kb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R102VS NSC-DS99R102VS Datasheet
901Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R102VSX NSC-DS99R102VSX Datasheet
901Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results

Similar Description - DS99R102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R103_0710 NSC-DS99R103_0710 Datasheet
924Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R105 TI1-DS99R105_14 Datasheet
1,019Kb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 TI1-DS99R103_13 Datasheet
1Mb / 29P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R101 NSC-DS99R101 Datasheet
901Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R101 TI1-DS99R101_14 Datasheet
917Kb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 TI1-DS99R105_13 Datasheet
1,017Kb / 29P
[Old version datasheet]   DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com