Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS96173 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS96173
Description  RS-485/RS-422 Quad Differential Line Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS96173 Datasheet(HTML) 3 Page - Texas Instruments

  DS96173 Datasheet HTML 1Page - Texas Instruments DS96173 Datasheet HTML 2Page - Texas Instruments DS96173 Datasheet HTML 3Page - Texas Instruments DS96173 Datasheet HTML 4Page - Texas Instruments DS96173 Datasheet HTML 5Page - Texas Instruments DS96173 Datasheet HTML 6Page - Texas Instruments DS96173 Datasheet HTML 7Page - Texas Instruments DS96173 Datasheet HTML 8Page - Texas Instruments DS96173 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS96173, DS96175
www.ti.com
SNLS391C – JUNE 1998 – REVISED APRIL 2013
Electrical Characteristics
(1) (2)
over recommended temperature, common mode input voltage, and supply voltage ranges, unless otherwise specified
Parameter
Test Conditions
Min
Typ
Max
Units
VTH
Differential Input High Threshold Voltage
VO = 2.7V, IO = − 0.4 mA
0.2
V
VTL
Differential Input(3) Low Threshold Voltage
VO = 0.5V, IO = 16 mA
−0.2
V
VT+ − VT−
Hysteresis(4)
VCM = 0V
50
mV
VIH
Enable Input Voltage HIGH
2.0
V
VIL
Enable Input Voltage LOW
0.8
V
VIC
Enable Input Clamp Voltage
II = −18 mA
−1.5
V
VOH
Output Voltage HIGH
VID = 200 mV, IOH = −400 μA
2.7
V
VOL
Output Voltage LOW
VID = −200 mV
IOL = 8 mA
0.45
V
IOL = 16 mA
0.50
IOZ
High Impedance State Output
VO = 0.4V to 2.4V
±20
μA
II
Line Input Current(5)
Other Input = 0V
VI = 12V
1.0
mA
VI = −7V
−0.8
IIH
Enable Input Current HIGH
VIH = 2.7V
20
μA
IIL
Enable Input Current LOW
VIL = 0.4V
−100
μA
RI
Input Resistance
12
k
Ω
IOS
Short Circuit Output Current
See(6)
−15
−85
mA
ICC
Supply Current
Outputs Disabled
75
mA
(1)
Unless otherwise specified Min/Max limits apply across the 0°C to +70°C range for the DS96173/DS96175. All typicals are given for VCC
= 5V and TA = 25°C.
(2)
All currents into the device pins are positive; all currents out of the device pins are negative. All voltages are reference to ground unless
otherwise specified.
(3)
The algebraic convention, when the less positive (more negative) limit is designated minimum, is used in this data sheet for common
mode input voltage and threshold voltage levels only.
(4)
Hysteresis is the difference between the positive-going input threshold voltage, VT+, and the negative going input threshold voltage, VT−.
(5)
Refer to EIA Standards RS-485 for exact conditions.
(6)
Only one output at a time should be shorted.
Switching Characteristics
VCC = 5V, TA = 25°C
Parameter
Test Conditions
Min
Typ
Max
Units
tPLH
Propagation Delay Time,
VID = −2.5V to 2.5V,
15
25
ns
Low to High Level Output
CL = 15 pF, Figure 1
tPHL
Propagation Delay Time,
15
25
ns
High to Low Level Output
tPZH
Output Enable Time to High Level
CL = 15 pF, Figure 2
15
22
ns
tPZL
Output Enable Time to Low Level
CL = 15 pF, Figure 3
15
22
ns
tPHZ
Output Disable Time from High Level
CL = 5 pF, Figure 2
14
30
ns
tPLZ
Output Disable Time from Low Level
CL = 5 pF, Figure 3
24
40
ns
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS96173 DS96175
DS96173 - Obsolete
DS96175 - Not Recommended For New Designs


Similar Part No. - DS96173

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
   RS-485/RS-422 Quad Differential Line Receivers
DS96173CN NSC-DS96173CN Datasheet
173Kb / 6P
   RS-485/RS-422 Quad Differential Line Receivers
More results

Similar Description - DS96173

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
   RS-485/RS-422 Quad Differential Line Receivers
logo
Sipex Corporation
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
   Quad RS-485/RS-422 Line Receivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
   Quad RS-485/RS-422 Line Receivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
   Enhanced Quad RS-485/RS-422 Line Receivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
   Enhanced Quad RS-485/RS-422 Line Receivers
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
   RS-485/RS-422 Quad Differential Line Drivers
logo
Sipex Corporation
SP488A SIPEX-SP488A Datasheet
144Kb / 7P
   High Speed Quad RS-485/RS-422 Line Receivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Drivers
logo
Sipex Corporation
SP488A SIPEX-SP488A Datasheet
144Kb / 7P
   High Speed Quad RS-485/RS-422 Line Receivers
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com