Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS9638CM Datasheet(PDF) 5 Page - Texas Instruments

Part # DS9638CM
Description  RS-422 Dual High Speed Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS9638CM Datasheet(HTML) 5 Page - Texas Instruments

  DS9638CM Datasheet HTML 1Page - Texas Instruments DS9638CM Datasheet HTML 2Page - Texas Instruments DS9638CM Datasheet HTML 3Page - Texas Instruments DS9638CM Datasheet HTML 4Page - Texas Instruments DS9638CM Datasheet HTML 5Page - Texas Instruments DS9638CM Datasheet HTML 6Page - Texas Instruments DS9638CM Datasheet HTML 7Page - Texas Instruments DS9638CM Datasheet HTML 8Page - Texas Instruments DS9638CM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS9638
www.ti.com
SNLS389D – MAY 1998 – REVISED APRIL 2013
Typical Characteristics
Figure 5. Typical Delay Characteristics (a)
Figure 6. Typical Delay Characteristics (b)
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS9638


Similar Part No. - DS9638CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS9638CM NSC-DS9638CM Datasheet
199Kb / 6P
   RS-422 Dual High Speed Differential Line Driver
logo
Texas Instruments
DS9638CM TI-DS9638CM Datasheet
810Kb / 12P
[Old version datasheet]   DS9638 RS-422 Dual High Speed Differential Line Driver
DS9638CMX TI-DS9638CMX Datasheet
810Kb / 12P
[Old version datasheet]   DS9638 RS-422 Dual High Speed Differential Line Driver
More results

Similar Description - DS9638CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS9638 NSC-DS9638 Datasheet
199Kb / 6P
   RS-422 Dual High Speed Differential Line Driver
logo
Texas Instruments
DS9638QML TI1-DS9638QML Datasheet
229Kb / 10P
[Old version datasheet]   RS-422 Dual High Speed Differential Line Driver
DS9638CM TI-DS9638CM Datasheet
810Kb / 12P
[Old version datasheet]   DS9638 RS-422 Dual High Speed Differential Line Driver
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Exar Corporation
ST34C87 EXAR-ST34C87 Datasheet
72Kb / 8P
   QUAD RS-422 CMOS Differential Line Driver
SP26LV432 EXAR-SP26LV432 Datasheet
780Kb / 20P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE RECEIVER
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
   Quad RS-422 Differential Line Driver Radiation Hardened
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com