Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS99R124Q-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R124Q-Q1
Description  5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R124Q-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS99R124Q-Q1 Datasheet HTML 4Page - Texas Instruments DS99R124Q-Q1 Datasheet HTML 5Page - Texas Instruments DS99R124Q-Q1 Datasheet HTML 6Page - Texas Instruments DS99R124Q-Q1 Datasheet HTML 7Page - Texas Instruments DS99R124Q-Q1 Datasheet HTML 8Page - Texas Instruments DS99R124Q-Q1 Datasheet HTML 9Page - Texas Instruments DS99R124Q-Q1 Datasheet HTML 10Page - Texas Instruments DS99R124Q-Q1 Datasheet HTML 11Page - Texas Instruments DS99R124Q-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
DS99R124Q
SNLS318D – JANUARY 2010 – REVISED APRIL 2013
www.ti.com
Switching Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1)(2)
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
tTLHT
Low to High Transition Time
RL = 100Ω
TxCLKOUT±,
0.3
0.6
ns
TxOUT[2:0]±
tTHLT
High to Low Transition Time
0.3
0.6
ns
tDCCJ
Cycle-to-Cycle Output Jitter(4)(5) TxCLKOUT = 5 MHz
TxCLKOUT±
900
2100
ps
TxCLKOUT = 43 MHz
75
125
ps
tTTP1
Transmitter Pulse Position for
TxOUT[2:0]±
0
UI
bit 1
tTTP0
Transmitter Pulse Position for
1
UI
bit 0
tTPP6
Transmitter Pulse Position for
2
UI
bit 6
tTTP5
Transmitter Pulse Position for
3
UI
bit 5
tTTP4
Transmitter Pulse Position for
4
UI
bit 4
tTTP3
Transmitter Pulse Position for
5
UI
bit 3
tTTP2
Transmitter Pulse Position for
6
UI
bit 2
tTPDD
Power Down Delay active to
TxCLKOUT = 43 MHz
OFF
6
10
ns
Figure 6
tTXZR
Enable Delay OFF to active
TxCLKOUT = 43 MHz
40
55
ns
Figure 7
LVCMOS Outputs
tCLH
Low to High Transition Time
CL = 8 pF
LOCK, PASS, OS[2:0]
10
15
ns
Figure 5
tCHL
High to Low Transition Time
10
15
ns
tPASS
BIST PASS Valid Time,
TxCLKOUT = 5 MHz
PASS
560
570
ns
BISTEN = 1, Figure 12
TxCLKOUT = 43 MHz
70
75
ns
SSCG Mode
fDEV
Spread Spectrum
See(6)
TxCLKOUT = 5 to 43
Clocking Deviation
MHz,
±0.5
±2
%
Frequency
SSC[3:0] = ON
fMOD
Spread Spectrum
See(6)
TxCLKOUT = 5 to 43
Clocking Modulation
MHz,
8
100
kHz
Frequency
SSC[3:0] = ON
(4)
tDCCJ is the maximum amount of jitter between adjacent clock cycles.
(5)
Specification is ensured by characterization and is not tested in production.
(6)
Specification is ensured by design and is not tested in production.
Recommended Timing for the Serial Control Bus
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fSCL
SCL Clock Frequency
Standard Mode
0
100
kHz
Fast Mode
0
400
kHz
tLOW
SCL Low Period
Standard Mode
4.7
us
Fast Mode
1.3
us
tHIGH
SCL High Period
Standard Mode
4.0
us
Fast Mode
0.6
us
tHD;STA
Hold time for a start or a
Standard Mode
4.0
us
repeated start condition,
Fast Mode
0.6
us
Figure 13
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: DS99R124Q


Similar Part No. - DS99R124Q-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS99R124Q NSC-DS99R124Q Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
Texas Instruments
DS99R124Q TI1-DS99R124Q Datasheet
869Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS99R124QSQ NSC-DS99R124QSQ Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124QSQE NSC-DS99R124QSQE Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124QSQX NSC-DS99R124QSQX Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
More results

Similar Description - DS99R124Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS99R124AQ TI1-DS99R124AQ_14 Datasheet
829Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS99R124Q NSC-DS99R124Q Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
Texas Instruments
DS99R124Q TI1-DS99R124Q_14 Datasheet
869Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124AQ TI1-DS99R124AQ Datasheet
542Kb / 26P
[Old version datasheet]   DS99R124AQ 5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS90UR908Q TI1-DS90UR908Q_14 Datasheet
855Kb / 33P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS90UR908Q NSC-DS90UR908Q Datasheet
681Kb / 30P
   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
DS90UR907Q NSC-DS90UR907Q_10 Datasheet
693Kb / 26P
   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
logo
Texas Instruments
DS90UR907Q TI1-DS90UR907Q Datasheet
527Kb / 27P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
DS90UR907Q-Q1 TI1-DS90UR907Q-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   24-Bit Color FPD-Link to FPD-Link II Converter
DS99R421 TI1-DS99R421_15 Datasheet
867Kb / 26P
[Old version datasheet]   5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to FPD-Link II LVDS (Embedded Clock DC Balanced) Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com