Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS96F175C Datasheet(PDF) 7 Page - Texas Instruments

Part # DS96F175C
Description  DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS96F175C Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS96F175C Datasheet HTML 3Page - Texas Instruments DS96F175C Datasheet HTML 4Page - Texas Instruments DS96F175C Datasheet HTML 5Page - Texas Instruments DS96F175C Datasheet HTML 6Page - Texas Instruments DS96F175C Datasheet HTML 7Page - Texas Instruments DS96F175C Datasheet HTML 8Page - Texas Instruments DS96F175C Datasheet HTML 9Page - Texas Instruments DS96F175C Datasheet HTML 10Page - Texas Instruments DS96F175C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS96F173M/DS96F175C/DS96F175M
www.ti.com
SNOSC40F – JULY 2000 – REVISED APRIL 2013
MIL-STD-883C
Switching Characteristics
VCC = 5.0V
Symbol
Parameter
Conditions
TA = 25°C
TA = −55°C
TA = 125°C
Units
Typ
Max
Max
Max
tPLH
Propagation Delay Time, Low to
VID = −2.5V to +2.5V,
15
22
30
30
ns
High Level Output
CL = 15 pF, See Figure 7
tPHL
Propagation Delay Time, High to
VCM = 0V
15
22
30
30
ns
Low Level Output
tZH
Output Enable Time to High Level
CL = 15 pF, See Figure 8
12
16
27
27
ns
tZL
Output Enable Time to Low Level
CL = 15 pF, See Figure 9
13
18
27
27
ns
tHZ
Output Disable Time from High
CL = 5.0 pF, See Figure 8
(1)
14
20
27
27
ns
Level
CL = 20 pF, See Figure 8
(1)
14
30
37
37
ns
tLZ
Output Disable Time from Low
CL = 5.0 pF, See Figure 9
14
18
30
30
ns
Level
|tPLH–tPHL|
Pulse Width Distortion (SKEW)
See Figure 7
1
3
5.0
5.0
ns
(1)
Testing at 20 pF assures conformance to 5 pF specification.
Connection Diagrams
Figure 2. DS96F175 (Top View)(2)
16-Lead Ceramic Dual-In-Line CDIP Package
Figure 1. DS96F173 (Top View)(2)
Package Number NFE
16-Lead Ceramic Dual-In-Line CDIP Package
Package Number NFE
(2)
DS96F173 with active high and active low Enables are
shown. DS96F175 has active high Enable only.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS96F173M/DS96F175C/DS96F175M


Similar Part No. - DS96F175C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F175CJ NSC-DS96F175CJ Datasheet
238Kb / 10P
   Quad Differential Receivers
DS96F175CJ NSC-DS96F175CJ Datasheet
236Kb / 10P
   Quad Differential Receivers
More results

Similar Description - DS96F175C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS16F95QML TI1-DS16F95QML_16 Datasheet
520Kb / 19P
[Old version datasheet]   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 TI1-DS16F95_16 Datasheet
309Kb / 16P
[Old version datasheet]   DS16F95, DS36F95 EIA-485/EIA-422A Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com