Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS96F173M Datasheet(PDF) 5 Page - Texas Instruments

Part # DS96F173M
Description  DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS96F173M Datasheet(HTML) 5 Page - Texas Instruments

  DS96F173M_13 Datasheet HTML 1Page - Texas Instruments DS96F173M_13 Datasheet HTML 2Page - Texas Instruments DS96F173M_13 Datasheet HTML 3Page - Texas Instruments DS96F173M_13 Datasheet HTML 4Page - Texas Instruments DS96F173M_13 Datasheet HTML 5Page - Texas Instruments DS96F173M_13 Datasheet HTML 6Page - Texas Instruments DS96F173M_13 Datasheet HTML 7Page - Texas Instruments DS96F173M_13 Datasheet HTML 8Page - Texas Instruments DS96F173M_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS96F173M/DS96F175C/DS96F175M
www.ti.com
SNOSC40F – JULY 2000 – REVISED APRIL 2013
COMMERCIAL
Switching Characteristics
VCC = 5.0V, TA = 25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPLH
Propagation Delay Time, Low to High Level
VID = −2.5V to +2.5V,
5.0
15
22
ns
Output
CL = 15 pF, See Figure 7
tPHL
Propagation Delay Time, High to Low Level
5.0
15
22
ns
VCM = 0V
Output
tZH
Output Enable Time to High Level
CL = 15 pF, See Figure 8
12
16
ns
tZL
Output Enable Time to Low Level
CL = 15 pF, See Figure 9
13
18
ns
tHZ
Output Disable Time from High Level
CL = 5.0 pF, See Figure 8
14
20
ns
tLZ
Output Disable Time from Low Level
CL = 5.0 pF, See Figure 9
14
18
ns
|tPLH–tPHL|
Pulse Width Distortion (SKEW)
See Figure 7
1.0
3.0
ns
Absolute Maximum Ratings
MIL-STD-883C
(1) (2)
Storage Temperature Range (TSTG)
−65°C to +175°C
Lead Temperature (Soldering, 60 sec.)
300°C
Max. Package Power Dissipation (3) at 25°C
Ceramic CDIP (NFE)
1500 mW
Ceramic CLGA (NAD)
1034 mW
Ceramic LCCC (NAJ)
1500 mW
Supply Voltage
7.0V
Input Voltage, A or B Inputs
±25V
Differential Input Voltage
±25V
Enable Input Voltage
7.0V
Low Level Output Current
50 mA
(1)
Absolute Maximum Ratings are those values beyond which the safety of the device cannot be ensured. They are not meant to imply that
the devices should be operated at these limits. The tables of Electrical Characteristics provide conditions for actual device operation.
(2)
For complete Military Specifications, refer to the appropriate SMD or MDS.
(3)
Above TA = 25°C derate NFE package 10 mW/°C, NAD package 6.90 mW/°C, NAJ package 11.11 mW/°C.
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage (VCC)
DS96F173M/DS96F175M
4.50
5.0
5.50
V
Common Mode Input Voltage (VCM)
−7
+12
V
Differential Input Voltage (VID)
|12|
V
Output Current HIGH (IOH)
−400
μA
Output Current LOW (IOL)
11
mA
Operating Temperature (TA)
DS96F173M/DS96F175M
−55
25
125
°C
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS96F173M/DS96F175C/DS96F175M


Similar Part No. - DS96F173M_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F173ME/883 NSC-DS96F173ME/883 Datasheet
238Kb / 10P
   Quad Differential Receivers
DS96F173ME/883 NSC-DS96F173ME/883 Datasheet
236Kb / 10P
   Quad Differential Receivers
logo
Texas Instruments
DS96F173ME/883 TI1-DS96F173ME/883 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
logo
National Semiconductor ...
DS96F173MJ/883 NSC-DS96F173MJ/883 Datasheet
238Kb / 10P
   Quad Differential Receivers
logo
Texas Instruments
DS96F173MJ/883 TI1-DS96F173MJ/883 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results

Similar Description - DS96F173M_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS16F95QML TI1-DS16F95QML_16 Datasheet
520Kb / 19P
[Old version datasheet]   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 TI1-DS16F95_16 Datasheet
309Kb / 16P
[Old version datasheet]   DS16F95, DS36F95 EIA-485/EIA-422A Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com