Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS99R124Q Datasheet(PDF) 3 Page - Texas Instruments

Part # DS99R124Q
Description  5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R124Q Datasheet(HTML) 3 Page - Texas Instruments

  DS99R124Q Datasheet HTML 1Page - Texas Instruments DS99R124Q Datasheet HTML 2Page - Texas Instruments DS99R124Q Datasheet HTML 3Page - Texas Instruments DS99R124Q Datasheet HTML 4Page - Texas Instruments DS99R124Q Datasheet HTML 5Page - Texas Instruments DS99R124Q Datasheet HTML 6Page - Texas Instruments DS99R124Q Datasheet HTML 7Page - Texas Instruments DS99R124Q Datasheet HTML 8Page - Texas Instruments DS99R124Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
DS99R124Q
www.ti.com
SNLS318D – JANUARY 2010 – REVISED APRIL 2013
PIN DESCRIPTIONS
Pin Name
Pin #
I/O, Type
Description
FPD-Link II Input Interface
RIN+
40
I, LVDS
True input
The input must be AC coupled with a 100 nF capacitor. Internal termination.
RIN-
41
I, LVDS
Inverting input
The input must be AC coupled with a 100 nF capacitor. Internal termination.
CMF
42
I, Analog
Common-Mode Filter
VCM center-tap is a virtual ground which maybe ac-coupled to ground to increase receiver
common mode noise immunity. Recommended value is 4.7
μF or higher.
FPD-Link Output Interface
TxOUT[2:0]+
19, 21, 23
O, LVDS
True LVDS Data Output
This pair should have a 100
Ω termination for standard LVDS levels.
TxOUT[2:0]-
20, 22, 24
O, LVDS
Inverting LVDS Data Output
This pair should have a 100
Ω termination for standard LVDS levels.
TxCLKOUT+
17
O, LVDS
True LVDS Clock Output
This pair should have a 100
Ω termination for standard LVDS levels.
TxCLKOUT-
18
O, LVDS
Inverting LVDS Clock Output
This pair should have a 100
Ω termination for standard LVDS levels.
LVCMOS Outputs
OS[2:0]
10, 11, 12
O, LVMOS
Over-Sampled Low Frequency Outputs
These bits map to the DS99R421's OS[2:0] over-sampled low-frequency inputs. Signals must
be slower the TxCLK/5. On the DS90UR241 these map to the DIN[23:21] inputs. OS0 =
DIN21, OS1 = DIN22, OS2 = DIN23.
LOCK
27
O, LVMOS
LOCK Status Output
LOCK = 1, PLL is locked, outputs are active.
LOCK = 0, PLL is unlocked, output states determined by OSS_SEL.
Maybe used as a Link Status or to flag when the Video Data is active (ON/OFF).
Control and Configuration
PDB
1
I, LVCMOS
Power Down Mode Input
w/ pull-down
PDB = 1, Device is enabled (normal operation)
PDB = 0, Device is in power-down, the output are controlled by the settings. Control registers
are RESET.
VODSEL
33
I, LVCMOS
Differential Driver Output Voltage Select
w/ pull-down
VODSEL = 1, LVDS VOD is ±400 mV, 800 mVp-p (typ) — Long Cable / De-E Applications
VODSEL = 0, LVDS VOD is ±250 mV, 500 mVp-p (typ)
See Table 2
OEN
34
I, LVCMOS
Output Enable Input
w/ pull-down
OEN = 1, FPD-Link outputs are enabled (active).
OEN = 0, FPD-Link outputs are TRI-STATE.
OSS_SEL
35
I, LVCMOS
Output Sleep State Select Input
w/ pull-down
See Table 1
LFMODE
36
I, LVCMOS
Low Frequency Mode — Pin or Register Control
w/ pull-down
LF_MODE = 1, low frequency mode (TxCLKOUT = 5-20 MHz)
LF_MODE = 0, high frequency mode (TxCLKOUT = 20-43 MHz)
SSC[2:0]
7, 2, 3
I, LVCMOS
Spread Spectrum Clock Generation (SSCG) Range Select
w/ pull-down
See Table 3 and Table 4
RES[1:0]
37, 15
I, LVCMOS
Reserved
w/ pull-down
Tie Low
Control and Configuration — STRAP PIN
For a High State, use a 10 k
Ω pull up to VDDIO; for a Low State, the IO includes an internal pull down. The STRAP pin is read upon power-
up and set device configuration. Pin number listed along with shared LVCMOS Output name in square bracket.
EQ
28 [PASS]
STRAP
EQ Gain Control of FPD-Link II Input
I, LVCMOS
EQ = 1, EQ gain is enabled (~13 dB)
w/ pull-down
EQ = 0, EQ gain is disabled (~1.625 dB)
Optional BIST Mode
BISTEN
29
I, LVCMOS
BIST Enable Input – Optional
w/ pull-down
BISTEN = 1, BIST Mode is enabled.
BISTEN = 0, normal mode.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS99R124Q


Similar Part No. - DS99R124Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS99R124Q NSC-DS99R124Q Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
Texas Instruments
DS99R124Q TI1-DS99R124Q Datasheet
869Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS99R124QSQ NSC-DS99R124QSQ Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124QSQE NSC-DS99R124QSQE Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124QSQX NSC-DS99R124QSQX Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
More results

Similar Description - DS99R124Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS99R124AQ TI1-DS99R124AQ_14 Datasheet
829Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS99R124Q NSC-DS99R124Q Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
Texas Instruments
DS99R124Q TI1-DS99R124Q_14 Datasheet
869Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124AQ TI1-DS99R124AQ Datasheet
542Kb / 26P
[Old version datasheet]   DS99R124AQ 5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS90UR908Q TI1-DS90UR908Q_14 Datasheet
855Kb / 33P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS90UR908Q NSC-DS90UR908Q Datasheet
681Kb / 30P
   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
DS90UR907Q NSC-DS90UR907Q_10 Datasheet
693Kb / 26P
   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
logo
Texas Instruments
DS90UR907Q TI1-DS90UR907Q Datasheet
527Kb / 27P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
DS90UR907Q-Q1 TI1-DS90UR907Q-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   24-Bit Color FPD-Link to FPD-Link II Converter
DS99R421 TI1-DS99R421_15 Datasheet
867Kb / 26P
[Old version datasheet]   5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to FPD-Link II LVDS (Embedded Clock DC Balanced) Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com