Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LX1621 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LX1621
Description  10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LX1621 Datasheet(HTML) 1 Page - Texas Instruments

  DS92LX1621 Datasheet HTML 1Page - Texas Instruments DS92LX1621 Datasheet HTML 2Page - Texas Instruments DS92LX1621 Datasheet HTML 3Page - Texas Instruments DS92LX1621 Datasheet HTML 4Page - Texas Instruments DS92LX1621 Datasheet HTML 5Page - Texas Instruments DS92LX1621 Datasheet HTML 6Page - Texas Instruments DS92LX1621 Datasheet HTML 7Page - Texas Instruments DS92LX1621 Datasheet HTML 8Page - Texas Instruments DS92LX1621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
DS92LX1621, DS92LX1622
www.ti.com
SNLS327I – MAY 2010 – REVISED JANUARY 2014
DS92LX1621/DS92LX1622 10 - 50 MHz DC-Balanced Channel Link III Serializer and
Deserializer with Bi-Directional Control Channel
Check for Samples: DS92LX1621, DS92LX1622
1
FEATURES
SER Package: 32 Pin WQFN (5mm x 5mm)
DES Package: 40 Pin WQFN (6mm x 6mm)
2
Configurable Data Throughput
12–bit (min) up to 600 Mbits/sec
APPLICATIONS
16–bit (def) up to 800 Mbits/sec
Industrial Displays, Touch Screens
18–bit (max) up to 900 Mbits/sec
Medical Imaging
10 MHz to 50 MHz Input Clock Support
Embedded Clock with DC Balanced Coding to
DESCRIPTION
Support AC-Coupled Interconnects
The DS92LX1621 / DS92LX1622 chipset offers a
Capable to Drive up to 10 Meters Shielded
Channel Link III interface with a high-speed forward
Twisted-Pair
channel and a full-duplex back channel for data
transmission over a single differential pair. The
Bi-Directional Control Interface Channel with
Serializer/Deserializer pair is targeted for direct
I2C Support
connections between automotive camera systems
I2C Interface for Device Configuration. Single-
and Host Controller/Electronic Control Unit (ECU).
pin ID Addressing
The primary transport sends 16 bits of image data
16–bit Data Payload with CRC (Cyclic
over a single high-speed serial stream together with a
low latency bi-directional control channel transport
Redundancy Check) for Checking Data
that supports I2C. Included with the 16-bit payload is
Integrity with Programmable Data
a selectable data integrity option for CRC (Cyclic
Transmission Error Detection and Interrupt
Redundancy
Check)
or
parity
bit
to
monitor
Control
transmission link errors. Using TI’s embedded clock
Up to 6 Programmable GPIO's
technology
allows
transparent
full-duplex
AT-SPEED BIST Diagnosis Feature to Validate
communication over a single differential pair, carrying
asymmetrical bi-directional control information without
Link Integrity
the dependency of video blanking intervals. This
Individual Power-Down Controls for Both SER
single serial stream simplifies transferring a wide data
and DES
bus over PCB traces and cable by eliminating the
User-Selectable Clock Edge for Parallel Data
skew problems between parallel data and clock
on Both SER and DES
paths. This significantly saves system cost by
narrowing data paths that in turn reduce PCB layers,
Integrated Termination Resistors
cable width, and connector size and pins.
1.8V- or 3.3V-Compatible Parallel Bus Interface
In
addition,
the
Deserializer
inputs
provide
Single Power Supply at 1.8V
equalization control to compensate for loss from the
IEC 61000–4–2 ESD Compliant
media over longer distances. Internal DC balanced
No Reference Clock Required on Deserializer
encoding/decoding is used to support AC-Coupled
interconnects.
Programmable Receive Equalization
LOCK Output Reporting Pin to Ensure Link
The sleep function provides a power-savings mode
Status
and a remote wake up interrupt for signaling of a
remote device.
EMI/EMC Mitigation
The Serializer is offered in a 32-pin WQFN package,
DES Programmable Spread Spectrum
and Deserializer is offered in a 40-pin WQFN
(SSCG) Outputs
package.
DES Receiver Staggered Outputs
Temperature Range
−40°C to +85°C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS92LX1621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LX1621 NSC-DS92LX1621 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
logo
Texas Instruments
DS92LX1621 TI1-DS92LX1621 Datasheet
1Mb / 44P
[Old version datasheet]   DS92LX1621/DS92LX1622 10 - 50 MHz DC-Balanced Channel Link III Serializer
DS92LX1621 TI1-DS92LX1621 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX1621SQ TI1-DS92LX1621SQ Datasheet
1Mb / 44P
[Old version datasheet]   DS92LX1621/DS92LX1622 10 - 50 MHz DC-Balanced Channel Link III Serializer
DS92LX1621SQE TI1-DS92LX1621SQE Datasheet
1Mb / 44P
[Old version datasheet]   DS92LX1621/DS92LX1622 10 - 50 MHz DC-Balanced Channel Link III Serializer
More results

Similar Description - DS92LX1621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LX2121 TI1-DS92LX2121_15 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX1621 TI1-DS92LX1621_14 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX2121 TI1-DS92LX2121_14 Datasheet
1Mb / 43P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX2121 TI-DS92LX2121 Datasheet
1Mb / 42P
[Old version datasheet]   DS92LX2121/DS92LX2122 10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
logo
National Semiconductor ...
DS92LX1621 NSC-DS92LX1621 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
DS92LX2121 NSC-DS92LX2121 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
logo
Texas Instruments
DS92LX1621 TI1-DS92LX1621 Datasheet
1Mb / 44P
[Old version datasheet]   DS92LX1621/DS92LX1622 10 - 50 MHz DC-Balanced Channel Link III Serializer
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
logo
TEXAS ADVANCED OPTOELEC...
DS90UB913Q TAOS-DS90UB913Q_13 Datasheet
1Mb / 63P
   DS90UB913Q/DS90UB914Q 10-100MHz 10/12- Bit DC-Balanced FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
logo
Texas Instruments
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com