Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LX1621 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LX1621
Description  10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LX1621 Datasheet(HTML) 5 Page - Texas Instruments

  DS92LX1621 Datasheet HTML 1Page - Texas Instruments DS92LX1621 Datasheet HTML 2Page - Texas Instruments DS92LX1621 Datasheet HTML 3Page - Texas Instruments DS92LX1621 Datasheet HTML 4Page - Texas Instruments DS92LX1621 Datasheet HTML 5Page - Texas Instruments DS92LX1621 Datasheet HTML 6Page - Texas Instruments DS92LX1621 Datasheet HTML 7Page - Texas Instruments DS92LX1621 Datasheet HTML 8Page - Texas Instruments DS92LX1621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
29
28
27
26
25
24
23
22
30
21
2
3
4
5
6
7
8
9
1
10
DS92LX1622
Deserializer
40-Pin WQFN
PASS
VDDCML
RES
RIN+
RIN-
VDDPLL
RES
BISTEN
RES
M/S
ROUT[4]
ROUT[5]
ROUT[6]
ROUT[7]
VDDOR2
ROUT[8]
ROUT[9]
VDDD
ROUT[10]
ROUT[11]
DS92LX1621, DS92LX1622
www.ti.com
SNLS327I – MAY 2010 – REVISED JANUARY 2014
DS92LX1622 PIN DIAGRAM
Top View
Figure 5. Deserializer - DS92LX1622
40-Pin WQFN (RTA Package)
DS92LX1622 Deserializer PIN DESCRIPTIONS
Pin Name
Pin No.
I/O, Type
Description
LVCMOS PARALLEL INTERFACE
9, 10, 11, 12,
14, 15, 17, 18,
ROUT[13:0]
Outputs, LVCMOS
Parallel data outputs.
19, 20, 21, 22,
23, 24
HSYNC
7
Output, LVCMOS
Parallel data output 14, typically used as Horizontal SYNC output
VSYNC
6
Output, LVCMOS
Parallel data output 14, typically used as Vertical SYNC output
Pixel Clock Output Pin.
PCLK
5
Output, LVCMOS
Strobe edge set by RRFB control register
General Purpose Input Output (GPIO)
ROUT[3:0] /
ROUT[3:0] general-purpose pins can be individually configured as either inputs
21, 22, 23, 24
Input/Output, Digital
GPIO[5:2]
or outputs; used to control and respond to various commands.
General-purpose pins can be individually configured as either inputs or outputs;
GPIO[1:0]
26, 27
Input/Output, Digital
used to control and respond to various commands.
SERIAL CONTROL BUS - I2C COMPATIBLE
Clock line for the serial control bus communication
SCL
3
Input/Output, Digital
SCL requires an external pull-up resistor to VDDIO.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS92LX1621 DS92LX1622


Similar Part No. - DS92LX1621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LX1621 NSC-DS92LX1621 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
logo
Texas Instruments
DS92LX1621 TI1-DS92LX1621 Datasheet
1Mb / 44P
[Old version datasheet]   DS92LX1621/DS92LX1622 10 - 50 MHz DC-Balanced Channel Link III Serializer
DS92LX1621 TI1-DS92LX1621 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX1621SQ TI1-DS92LX1621SQ Datasheet
1Mb / 44P
[Old version datasheet]   DS92LX1621/DS92LX1622 10 - 50 MHz DC-Balanced Channel Link III Serializer
DS92LX1621SQE TI1-DS92LX1621SQE Datasheet
1Mb / 44P
[Old version datasheet]   DS92LX1621/DS92LX1622 10 - 50 MHz DC-Balanced Channel Link III Serializer
More results

Similar Description - DS92LX1621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LX2121 TI1-DS92LX2121_15 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX1621 TI1-DS92LX1621_14 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX2121 TI1-DS92LX2121_14 Datasheet
1Mb / 43P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX2121 TI-DS92LX2121 Datasheet
1Mb / 42P
[Old version datasheet]   DS92LX2121/DS92LX2122 10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
logo
National Semiconductor ...
DS92LX1621 NSC-DS92LX1621 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
DS92LX2121 NSC-DS92LX2121 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
logo
Texas Instruments
DS92LX1621 TI1-DS92LX1621 Datasheet
1Mb / 44P
[Old version datasheet]   DS92LX1621/DS92LX1622 10 - 50 MHz DC-Balanced Channel Link III Serializer
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
logo
TEXAS ADVANCED OPTOELEC...
DS90UB913Q TAOS-DS90UB913Q_13 Datasheet
1Mb / 63P
   DS90UB913Q/DS90UB914Q 10-100MHz 10/12- Bit DC-Balanced FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
logo
Texas Instruments
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com