Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9076501M2A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9076501M2A
Description  EIA-485/EIA-422 Quad Differential Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9076501M2A Datasheet(HTML) 4 Page - Texas Instruments

  5962-9076501M2A Datasheet HTML 1Page - Texas Instruments 5962-9076501M2A Datasheet HTML 2Page - Texas Instruments 5962-9076501M2A Datasheet HTML 3Page - Texas Instruments 5962-9076501M2A Datasheet HTML 4Page - Texas Instruments 5962-9076501M2A Datasheet HTML 5Page - Texas Instruments 5962-9076501M2A Datasheet HTML 6Page - Texas Instruments 5962-9076501M2A Datasheet HTML 7Page - Texas Instruments 5962-9076501M2A Datasheet HTML 8Page - Texas Instruments 5962-9076501M2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS96F172MQML, DS96F174MQML
SNOSAS8A – APRIL 2011 – REVISED APRIL 2013
www.ti.com
Quality Conformance Inspection
Table 3. Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
DS96F172/DS96F174 Electrical Characteristics AC/DC Parameters
(1)
The following conditions apply, unless otherwise specified.
DC: VCC = 5.5V
AC: VCC = 5.0V
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
0.8
V
1
VIL
Logical 0 Input Voltage
0.7
V
2, 3
VIH
Logical 1 Input Voltage
2.0
V
1, 2, 3
VIC
Input Clamp Voltage
I = -18mA
-1.5
V
1, 2, 3
VOD1
Differential Output Voltage
IO = 0mA
6.0
V
1, 2, 3
1.5
V
1, 2
VCC = 4.5V, RL = 54Ω
VOD2
Differential Output Voltage
Figure 7
See(2)
1.2
V
3
VOD2
Differential Output Voltage
VCC = 4.5V, RL = 100Ω
2.0
V
1, 2, 3
Figure 7
See(3)
-200
200
mV
1, 2
ΔVOD1
Change In Magnitude of VOD2
VCC = 4.5V, RL = 54Ω
See(2)(3)
-400
400
mV
3
See(3)
-200
200
mV
1, 2
ΔVOD2
Change In Magnitude of VOD2
VCC = 4.5V, RL = 100Ω
See(2)(3)
-400
400
mV
3
VOC
Common Mode Output Voltage
RL = 54Ω
3.0
V
1, 2, 3
Figure 7
VOC
Common Mode Output Voltage
RL = 100Ω
3.0
V
1, 2, 3
Figure 7
ΔVOC
Change in Magnitude of VOC
VCC = 4.5V, RL = 54Ω
-200
200
mV
1, 2, 3
See(3)
Figure 7
ΔVOC
Change in Magnitude of VOC
VCC = 4.5V, RL = 100Ω
-200
200
mV
1, 2, 3
See(4)
Figure 7
IO
Output Current With Power Off
VCC = 0V, VO = -7V to 12V
-50
50
µA
1, 2, 3
(1)
All currents into the device pins are positive; all currents out of the device pins are negative. All voltages are reference to ground unless
otherwise specified.
(2)
−55°C limit exceeds EIA standard RS−485 specification
(3)
Δ|VOD| is the change in magnitude of VOD, that occurs when the input is changed between high and low levels.
(4)
Δ|VOC| is the change in magnitude of the VOC that occurs when the input is changed between high and low levels.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: DS96F172MQML DS96F174MQML


Similar Part No. - 5962-9076501M2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9076501M2A TI1-5962-9076501M2A Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
More results

Similar Description - 5962-9076501M2A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F173M TI1-DS96F173M_13 Datasheet
280Kb / 12P
[Old version datasheet]   DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com