Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV2421 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS92LV2421
Description  10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV2421 Datasheet(HTML) 3 Page - Texas Instruments

  DS92LV2421_16 Datasheet HTML 1Page - Texas Instruments DS92LV2421_16 Datasheet HTML 2Page - Texas Instruments DS92LV2421_16 Datasheet HTML 3Page - Texas Instruments DS92LV2421_16 Datasheet HTML 4Page - Texas Instruments DS92LV2421_16 Datasheet HTML 5Page - Texas Instruments DS92LV2421_16 Datasheet HTML 6Page - Texas Instruments DS92LV2421_16 Datasheet HTML 7Page - Texas Instruments DS92LV2421_16 Datasheet HTML 8Page - Texas Instruments DS92LV2421_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
3
DS92LV2421, DS92LV2422
www.ti.com
SNLS321C – MAY 2010 – REVISED MAY 2016
Product Folder Links: DS92LV2421 DS92LV2422
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Revision History (continued)
Changed bit description to swap definition for Serializer RFB and VOD ............................................................................. 38
Changed bit definition for Deserializer OSS_SEL ............................................................................................................... 39
Changed definition from Reserved to MAP_SEL for Deserializer Reg 0x02[5:4] ............................................................... 39
Changes from Revision A (April 2013) to Revision B
Page
Changed layout of National Semiconductor Data Sheet to TI format .................................................................................. 49


Similar Part No. - DS92LV2421_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
More results

Similar Description - DS92LV2421_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS90C124 TI1-DS90C124_13 Datasheet
992Kb / 31P
[Old version datasheet]   5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
DS90UR905Q-Q1 TI1-DS90UR905Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   5- to 65-MHz, 24-bit Color FPD-Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90UR905Q NSC-DS90UR905Q Datasheet
1Mb / 44P
   5 - 65 MHz 24-bit Color FPD-Link II Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com