Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV2411 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LV2411
Description  5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV2411 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS92LV2411 Datasheet HTML 6Page - Texas Instruments DS92LV2411 Datasheet HTML 7Page - Texas Instruments DS92LV2411 Datasheet HTML 8Page - Texas Instruments DS92LV2411 Datasheet HTML 9Page - Texas Instruments DS92LV2411 Datasheet HTML 10Page - Texas Instruments DS92LV2411 Datasheet HTML 11Page - Texas Instruments DS92LV2411 Datasheet HTML 12Page - Texas Instruments DS92LV2411 Datasheet HTML 13Page - Texas Instruments DS92LV2411 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
DS92LV2411, DS92LV2412
SNLS302E – MAY 2010 – REVISED FEBRUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2) (3)
MIN
MAX
UNIT
Supply Voltage – VDDn (1.8 V)
−0.3
2.5
V
Supply Voltage – VDDIO
−0.3
4.0
V
LVCMOS I/O Voltage
−0.3
(VDDIO + 0.3)
V
Receiver Input Voltage
−0.3
(VDD + 0.3)
V
Driver Output Voltage
−0.3
(VDD + 0.3)
V
Junction Temperature
+150
°C
Storage Temperature Range (Tstg)
−65
+150
°C
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(2)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(3)
For soldering specifications, see product folder at www.ti.com and http://www.ti.com/lit/SNOA549
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±8000
Charged-device model (CDM), per JEDEC specification JESD22-
V(ESD)
Electrostatic discharge
±1000
V
C101(2)
Machine Model (MM)
±250
IEC61000–4–2), RD = 330Ω, CS = 150pF
Air Discharge (DOUT+, DOUT-)
±2500
Contact Discharge (DOUT+, DOUT-)
±800
V(ESD)
Electrostatic discharge
V
Air Discharge (RIN+, DIN-)
±2500
Contact Discharge (RIN+, RIN-)
±800
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible if necessary precautions are taken. Pins listed as DOUT+, DOUT- or RIN+, DIN- may actually have higher
performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible if necessary precautions are taken. Pins listed as DOUT+, DOUT- or RIN+, DIN- may actually have higher
performance.
7.3 Recommended Operating Conditions
MIN
TYP
MAX
UNIT
Supply Voltage (VDDn)
1.71
1.8
1.89
V
LVCMOS Supply Voltage (VDDIO)
1.71
1.8
1.89
V
OR
LVCMOS Supply Voltage (VDDIO)
3.0
3.3
3.6
V
Operating Free Air Temperature (TA)
−40
+25
+85
°C
Clock Frequency
5
50
MHz
Supply Noise(1)
50
mVP-P
(1)
Supply noise testing was done with minimum capacitors on the PCB. A sinusoidal signal is AC coupled to the VDDn (1.8V) supply with
amplitude = 100 mVp-p measured at the device VDDn Pins. Bit error rate testing of input to the Ser and output of the Des with 10 meter
cable shows no error when the noise frequency on the Ser is less than 750 kHz. The Des on the other hand shows no error when the
noise frequency is less than 400 kHz.
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DS92LV2411 DS92LV2412


Similar Part No. - DS92LV2411

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV2411 NSC-DS92LV2411 Datasheet
1Mb / 40P
   5-50MHz 24-Bit Channel Link II Serializer and Deserializer
DS92LV2411SQ NSC-DS92LV2411SQ Datasheet
1Mb / 40P
   5-50MHz 24-Bit Channel Link II Serializer and Deserializer
DS92LV2411SQX NSC-DS92LV2411SQX Datasheet
1Mb / 40P
   5-50MHz 24-Bit Channel Link II Serializer and Deserializer
More results

Similar Description - DS92LV2411

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV2411 NSC-DS92LV2411 Datasheet
1Mb / 40P
   5-50MHz 24-Bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS90UR905Q-Q1 TI1-DS90UR905Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   5- to 65-MHz, 24-bit Color FPD-Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90UR905Q NSC-DS90UR905Q Datasheet
1Mb / 44P
   5 - 65 MHz 24-bit Color FPD-Link II Serializer and Deserializer
logo
Texas Instruments
DS90C124 TI1-DS90C124_13 Datasheet
992Kb / 31P
[Old version datasheet]   5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
logo
National Semiconductor ...
DS92LV3221 NSC-DS92LV3221 Datasheet
1Mb / 24P
   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
Texas Instruments
DS92LV3221 TI1-DS92LV3221_14 Datasheet
1Mb / 30P
[Old version datasheet]   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com